Electronic Components Datasheet Search
  English  ▼

X  

PCS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PCS
Description  PCS Series Current Sense Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PCS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PCS Datasheet HTML 1Page - Bourns Electronic Solutions PCS Datasheet HTML 2Page - Bourns Electronic Solutions PCS Datasheet HTML 3Page - Bourns Electronic Solutions PCS Datasheet HTML 4Page - Bourns Electronic Solutions PCS Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PCS Series Current Sense Transformers
Features
n
Ratedcurrentonprimaryupto20Afor
PCS020,upto40AforPCS040
n
Surfacemount
n
Frequencyupto1MHz
n
Operatingtemp:-40°Cto125°C
n
RoHScompliant*
Applications
n
Switched-modepowersupplies
n
Motorcontrol
n
Overloadsensing
n
ACcurrentapplications
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature������������������������������������������������������������������������� -40 °C to +125 °C
Isolation Between Windings
PCS020������������������������������������������������������������������������������������������������������������500 Vrms
PCS040������������������������������������������������������������������������������������������������������������800 Vrms
Rated current on primary
PCS020������������������������������������������������������������������������������������Up to 20 A (10 A typical)
PCS040��������������������������������������������������������������������������������������������������������� Up to 40 A
Frequency������������������������������������������������������������������������������������������������������Up to 1 MHz
Moisture Sensitivity Level������������������������������������������������������������������������������������������������1
Electrical Specifications @ 25 °C
Bourns
Part Number
Turns Ratio
Primary : Secondary
Secondary
Inductance
Min.
(mH)
DCR
Volt-time
Product on
Secondary
Max.
(V-μsec)
Terminating
Resistance
(1 V Output at
Rated Current)
(Ω)
Primary
Ref.
(mΩ)
Secondary
Max.
(Ω)
PCS020-EE05081S
1 : 20
81
7
0�4
10�8
1
PCS020-EE05180S
1 : 30
180
7
0�87
16�2
1�5
PCS020-EE05320S
1 : 40
320
7
1�14
21�6
2
PCS020-EE05500S
1 : 50
500
7
1�5
27
2�5
PCS020-EE05730S
1 : 60
730
7
1�98
32�4
3
PCS020-EE05980S
1 : 70
980
7
4�75
37�8
3�5
PCS020-EE0502KS
1 : 100
2000
7
5�5
54
5
PCS020-EE0503KS
1 : 125
3000
7
7
67�5
6�25
PCS040-EF13340S
1 : 20
0�34
1
0�18
50�8
0�5
PCS040-EF13760S
1 : 30
0�76
1
0�265
76�2
0�8
PCS040-EF1301KS
1 : 40
1�36
1
0�56
101�6
1
PCS040-EF1302KS
1 : 50
2�12
1
0�705
127
1�3
PCS040-EF1303KS
1 : 60
3�06
1
0�85
152�4
1�5
PCS040-EF1304KS
1 : 70
4�16
1
1
177�8
1�8
PCS040-EF1305KS
1 : 80
5�44
1
1�15
203�2
2
PCS040-EF1308KS
1 : 100
8�5
1
1�45
254
2�5
PCS040-EF1313KS
1 : 125
13�3
1
1�85
317�5
3�1
PCS040-EF1319KS
1 : 150
19�2
1
2�25
381
3�8
PCS040-EF1334KS
1 : 200
34
1
4�06
508
5
* RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - PCS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS PICKER-PCS Datasheet
190Kb / 2P
Double SCR Solid State Relay
logo
Riedon Powertron
PCS RIEDON-PCS Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
Chip Type, LongLife Assurance
logo
Electrolube
PCS ELECTROLUBE-PCS Datasheet
156Kb / 1P
Peelable Coating Mask - Synthetic
March 2017
logo
Tyco Electronics
PCS-020-A-1 MACOM-PCS-020-A-1 Datasheet
58Kb / 1P
OUTLINE DRWING PCS SOCKET
24 AUG 03
More results

Similar Description - PCS

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX Datasheet
14Kb / 1P
Current Sense Transformers
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
Current Sense Transformers
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
Current Sense Transformers
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com