Electronic Components Datasheet Search
  English  ▼

X  

PCS Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PCS
Description  PCS Series Current Sense Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PCS Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PCS Datasheet HTML 1Page - Bourns Electronic Solutions PCS Datasheet HTML 2Page - Bourns Electronic Solutions PCS Datasheet HTML 3Page - Bourns Electronic Solutions PCS Datasheet HTML 4Page - Bourns Electronic Solutions PCS Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PCS Series Current Sense Transformers
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
Recommended Layout
1.85
(.073)
1.30
(.051)
2.50
(.098)
3.00
(.118)
1.30
(.051)
1.60
(.063)
2.70
(.106)
1.20
(.047)
1
2
3
4
5
10
11
12
9
8
7
6
1.19
(.047)
9.04
(.356)
4.27 x 7.24
(.168 x .285)
15.74
(.620)
20.42
(.804)
11.24
(.443)
2.54
(.100)
PCS020
PCS040
How To Order
PCS 020 - EE05 081 S
Model
PCS = Current Sense Transformer
Rated Current
020 = 20 A
040 = 40 A
Bobbin Size
EE05 = Bobbin EE5
EF13 = Bobbin EF12�6
Inductance (see table)
081 = 81 µH
PCB type
S = SMD
Soldering Profile
The duration from room temperature (25 °C) to peak temperature is 8 minutes maximum�
217 °C
300
250
200
150
100
50
0
Ramp Up
3 °C/s. max.
Lead-free Solder
3 °C/s. max.
6 °C/s. max.
150 ~ 200 °C
60 s. ~ 120 s.
60 s. ~ 150 s.
250 +0/-5 °C
10 s. max.
tp < 30 s.
Time (Seconds)
PRE-HEAT
REFLOW
COOL DOWN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com