Electronic Components Datasheet Search
  English  ▼

X  

PER60 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PER60
Description  PER60 - 60 mm Low Profile Incremental Ring Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER60 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PER60 Datasheet HTML 1Page - Bourns Electronic Solutions PER60 Datasheet HTML 2Page - Bourns Electronic Solutions PER60 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PER60 - 60 mm Low Profile Incremental Ring Encoder
Features
n
Lowprofileincrementalencoder
n
High-classrotationalfeel
n
Hapticdetentfeedback
n
RoHScompliant*
Product Dimensions
19
(.748)
0.3
(.012)
120 °
3 PLCS.
49.6
(1.953)
9
(.354)
MOUNTING
SURFACE
3
(.118)
3 PLCS.
5
(.197)
3 PLCS.
8
(.315)
3 PLCS.
6.65
(.262)
2 PLCS.
12
(.472)
3 PLCS.
44
(1.732)
DIA.
51.2
(2.016)
DIA.
58.9
(2.319)
DIA.
25.55
(1.006)
3 PLCS.
6
(.236)
3 PLCS.
1.4
(.055)
63.1
(2.484)
5
(.197)
16
(.630)
3 PLCS.
7
(.276)
12 PLCS.
2.5
(.098)
2 PLCS.
6
(.236)
3 PLCS.
7.5
(.295)
17
(.669)
3.5
(.138)
5 PLCS.
A C B
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended PCB Layout
5
(.197)
2
(.079)
2 PLCS.
1.5
(.059)
2 PLCS.
30 °
45 °
45 °
30 °
DIA. 2 PLCS.
1.05
(.041)
DIA. 3 PLCS.
1.9
(.075)
DIA. 4 PLCS.
4.7
(.185)
51
(2.008)
61.7
(2.429)
30.6
(1.205)
SQ. 4 PLCS.
A C B
Electrical Characteristics
Output���������������������������� 2-bit quadrature code
Contact Rating����������������������10 mA @ 5 V DC
Insulation Resistance
����������������������������������� 100 M٠@ 100 V DC
Dielectric Withstanding Voltage
Sea Level�������������������������������������� 100 V AC
Electrical Travel ����������������������������� Continuous
Contact Bounce (60 RPM)������������5 ms max�**
Environmental Characteristics
Operating Temperature����������-10 °C to +60 °C
Storage Temperature�������������-40 °C to +85 °C
Soldering Condition
Wave Soldering ��������������������� 260 °C for 5 s
Manual Soldering������������������� 300 °C for 3 s
Mechanical Characteristics
RPM (operating) ����������������������������������60 max�
Mechanical Angle ������������������360 ° continuous
Detent Torque����������������������� 100 to 300 gf-cm
Rotational Life���������������������������� 40,000 cycles
Quadrature Output Table
Suggested Filter Circuit
ON
OFF
ON
OFF
CW
D
A Signal
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01 F
0.01 F
ENCODER
CW
D
ON
OFF
B Signal
12
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
* RoHSDirective2015/863,Mar31,2015andAnnex.
** Devicesaretestedusingstandardnoisereductionfilters.Foroptimumperformance,designersshouldusenoise
reductionfiltersintheircircuits.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
CAUTION
Donotstoreproductinhightemperature
andhumidity,directsunlightand/orplaces
wherecorrosivegasesmaybegenerated.Pleaseuse
productwithin6monthsfromthedateofdeliveryand
promptlyafterunpacking.


Similar Part No. - PER60

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PER60 EDI-PER60 Datasheet
56Kb / 2P
FAST RECOVERY SINGLE-PHASE FULL-WAVE BRIDGE 4.0 AMPERES FOR P.C. BOARD MOUNTING
More results

Similar Description - PER60

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC09-2020F-S0012 BOURNS-PEC09-2020F-S0012 Datasheet
331Kb / 3P
9 mm Incremental Encoder
PEC11R BOURNS-PEC11R Datasheet
311Kb / 3P
12 mm Incremental Encoder
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
16 mm Incremental Encoder
PEC11R BOURNS-PEC11R_16 Datasheet
306Kb / 3P
12 mm Incremental Encoder
PEC12R BOURNS-PEC12R_16 Datasheet
352Kb / 4P
12 mm Incremental Encoder
PER28 BOURNS-PER28 Datasheet
405Kb / 2P
28 mm Low Profile Incremental Ring Encoder
PER35 BOURNS-PER35 Datasheet
560Kb / 3P
35 mm Low Profile Incremental Ring Encoder
PER56 BOURNS-PER56 Datasheet
458Kb / 3P
56 mm Low Profile Incremental Ring Encoder
PER21 BOURNS-PER21 Datasheet
382Kb / 3P
PER21 - 21 mm Low Profile Incremental Ring Encoder
REV. 07/21
PER23 BOURNS-PER23 Datasheet
384Kb / 3P
PER23 - 23 mm Low Profile Incremental Ring Encoder
REV. 07/21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com