Electronic Components Datasheet Search
  English  ▼

X  

PER60 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PER60
Description  PER60 - 60 mm Low Profile Incremental Ring Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PER60 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PER60 Datasheet HTML 1Page - Bourns Electronic Solutions PER60 Datasheet HTML 2Page - Bourns Electronic Solutions PER60 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PER60 - 60 mm Low Profile Incremental Ring Encoder
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns�com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns�com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns�com
www.bourns.com
12/21
How To Order
PER60 1 - P1 17 - N 0015
Model
Number of Units
1 = Single
Orientation
P = PC Pins Down Facing
Detent Option
1 = 30 Detents (15 Pulses)
Ring Height
17 = 17 mm
Switch Configuration
N = No Switch
Resolution
0015 = 15 Pulses per 360 ° Rotation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com