Electronic Components Datasheet Search
  English  ▼

X  

OPA2182ID Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182ID
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2182ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2182ID Datasheet HTML 17Page - Texas Instruments OPA2182ID Datasheet HTML 18Page - Texas Instruments OPA2182ID Datasheet HTML 19Page - Texas Instruments OPA2182ID Datasheet HTML 20Page - Texas Instruments OPA2182ID Datasheet HTML 21Page - Texas Instruments OPA2182ID Datasheet HTML 22Page - Texas Instruments OPA2182ID Datasheet HTML 23Page - Texas Instruments OPA2182ID Datasheet HTML 24Page - Texas Instruments OPA2182ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
8.3.4 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect from accidental
ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and the relevance to an electrical overstress event is
helpful. See Figure 8-3 for an illustration of the ESD circuits contained in the OPAx182 (indicated by the dashed
line area). The ESD protection circuitry involves several current-steering diodes connected from the input and
output pins and routed back to the internal power-supply lines, where the diodes meet at an absorption device
internal to the operational amplifier. This protection circuitry is intended to remain inactive during normal circuit
operation.
An ESD event produces a short-duration, high-voltage pulse that is transformed into a short-duration, high-
current pulse while discharging through a semiconductor device. The ESD protection circuits are designed to
provide a current path around the operational amplifier core to prevent damage. The energy absorbed by the
protection circuitry is then dissipated as heat.
When an ESD voltage develops across two or more amplifier device pins, current flows through one or
more steering diodes. Depending on the path that the current takes, the absorption device can activate. The
absorption device has a trigger or threshold voltage that is greater than the normal operating voltage of the
OPAx182 but less than the device breakdown voltage level. When this threshold is exceeded, the absorption
device quickly activates and clamps the voltage across the supply rails to a safe level.
When the op amp connects into a circuit (as shown in Figure 8-3), the ESD protection components are intended
to remain inactive and do not become involved in the application circuit operation. However, circumstances can
arise where an applied voltage exceeds the operating voltage range of a given pin. If this condition occurs, there
is a risk that some internal ESD protection circuits are biased on, and conduct current. Any such current flow
occurs through steering-diode paths and rarely involves the absorption device.
Figure 8-3 shows a specific example where the input voltage (VIN) exceeds the positive supply voltage (V+)
by 500 mV or more. Much of what happens in the circuit depends on the supply characteristics. If V+ can
sink the current, one of the upper input steering diodes conducts and directs current to +VS. Excessively high
current levels can flow with increasingly higher VIN. As a result, the data sheet specifications recommend that
applications limit the input current to 10 mA.
If the supply is not capable of sinking the current, VIN can begin sourcing current to the operational amplifier, and
then take over as the source of positive supply voltage. The danger in this case is that the voltage can rise to
levels that exceed the operational amplifier absolute maximum ratings.
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies V+ or V– are at 0 V. Again, this question depends on the supply characteristic while at 0 V,
or at a level below the input signal amplitude. If the supplies appear as high impedance, then the operational
amplifier supply current can be supplied by the input source through the current-steering diodes. This state is not
a normal bias condition; the amplifier most likely does not operate normally. If the supplies are low impedance,
then the current through the steering diodes can become quite high. The current level depends on the ability of
the input source to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, external Zener diodes must be
added to the supply pins, as shown in Figure 8-3. The Zener voltage must be selected such that the diode does
not turn on during normal operation. However, the Zener voltage must be low enough so that the Zener diode
conducts if the supply pin begins to rise above the safe operating supply voltage level.
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com