Electronic Components Datasheet Search
  English  ▼

X  

OPA2182ID Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2182ID
Description  OPAx182 36-V, 5-MHz, Low-Noise, Zero-Drift, MUX-Friendly, Precision Op Amps
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2182ID Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA2182ID Datasheet HTML 19Page - Texas Instruments OPA2182ID Datasheet HTML 20Page - Texas Instruments OPA2182ID Datasheet HTML 21Page - Texas Instruments OPA2182ID Datasheet HTML 22Page - Texas Instruments OPA2182ID Datasheet HTML 23Page - Texas Instruments OPA2182ID Datasheet HTML 24Page - Texas Instruments OPA2182ID Datasheet HTML 25Page - Texas Instruments OPA2182ID Datasheet HTML 26Page - Texas Instruments OPA2182ID Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The OPAx182 operational amplifiers combine precision offset and drift with excellent overall performance,
making these devices a great choice for many precision applications. The precision offset drift of only 0.005
µV/°C provides stability over the entire temperature range. In addition, the devices combine excellent CMRR,
PSRR, and AOL dc performance with outstanding low-noise operation. As with all amplifiers, applications with
noisy or high-impedance power supplies require decoupling capacitors close to the device pins. In most cases,
0.1-µF capacitors are adequate.
The following application examples highlight only a few of the circuits where the OPAx182 can be used.
9.2 Typical Applications
9.2.1 Strain Gauge Analog Linearization
±
+
18 V
±18 V
±
+
18 V
±18 V
Strain Gauge
10 k
10 k
3.4 M
Vexc
5 V
Vout
OPA2182
OPA2182
Figure 9-1. Bridge Sensor Analog Linearization With the OPA2182
9.2.1.1 Design Requirements
A strain gauge is used to measure an alteration due to external force through the use of electrical resistance
in a Wheatstone-bridge configuration. The Wheatstone bridge is used to precisely measure very low values of
resistances down in the mΩ range. An excitation voltage is applied to the bridge, and the output voltage across
the middle of the bridge is measured. The total change in output voltage is relatively small, typically in the mV
range. Therefore, an op amp is used to amplify the signal. The OPA2182 is designed to construct high-precision
amplification.
Use the following parameters for this design example:
• Use the op-amp linear output operating range, which is usually specified under the AOL test conditions. The
common-mode voltage is equal to the input signal.
• Use an op amp that does not add significant noise to the system or else the small output voltage from the
Wheatstone bridge will be lost.
• The input signal must be gained; therefore, use an op amp with low input offset voltage (VOS)
• The input signal must be gained; therefore, use an op amp with enough open-loop gain to provide the
required amplification
www.ti.com
OPA182, OPA2182, OPA4182
SBOS936E – NOVEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA182 OPA2182 OPA4182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com