Electronic Components Datasheet Search
  English  ▼

X  

2132 Datasheet(PDF) 2 Page - Alpha Wire

Part # 2132
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2132 Datasheet(HTML) 2 Page - Alpha Wire

  2132 Datasheet HTML 1Page - Alpha Wire 2132 Datasheet HTML 2Page - Alpha Wire 2132 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Other
This product does not contain any of the 16 substances listed on the
European Union's REACH Substance of Very High Concern (SVHC)
candidate list in excess of 0.1% mass of the item.
3)California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
1) Packaging
a) 100 ft.
2.75 x 1 x 1-1/8, Continuous
b) 500 ft.
3.5 x3 x 1-1/8, 3 Pieces Max., 50 ft. Min. Length
c) 1000 ft.
9x4.5 x 3.5, 4 Pieces Max., 50 ft. Min Length
Spool size may vary slightly
 
www.alphawire.com
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742)
Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication,
information and specifications described herein are subject to errors or omissions and to changes without notice, and
the listing of such information and specifications does not ensure product availability.
Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties,
whether express, statutory or implied. In no event will Alpha be liable for any damages (including consequential,
indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha had been advised of the possibility of
such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection
with the use, or inability to use, the information or specifications described herein.
ALPHA WIRE - CONFIDENTIAL AND PROPRIETARYNotice to persons receiving this document and/or technical
information. This document is confidential and is the exclusive property of ALPHA WIRE, and is merely on loan and
subject to recall by ALPHA WIRE at any time. By taking possession of this document, the recipient acknowledges
and agrees that this document cannot be used in any manner adverse to the interests of ALPHA WIRE, and that no
portion of this document may be copied or otherwise reproduced without the prior written consent of ALPHA WIRE. In
the case of conflicting contractual provisions, this notice shall govern the status of this document. <br /><br />©2019
ALPHA WIRE - all rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com