Electronic Components Datasheet Search
  English  ▼

X  

2132 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2132
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2132 Datasheet(HTML) 1 Page - Alpha Wire

  2132 Datasheet HTML 1Page - Alpha Wire 2132 Datasheet HTML 2Page - Alpha Wire 2132 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Customer Specification
PART NO. 2132
Construction
Applicable Specifications
Environmental
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
1) Conductor
a) Material
Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding
Solid
c) Diameter
0.0063"
2) Braid Data
a) Nominal ID
1/16
b) AWG of Ends
34
c) Number of Carriers
16
d) Nominal Percent Coverage
70
e) Total Number of Ends
32
f) Approx. Equiv. AWG
19
g) Approx. Ampacity
11Amps
h) Federal Spec Number
AA59569R34T0062
1) DSCC CID A-A-59569A
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part meet the requirements of
European Directive 2011/65/EU regarding the restriction of use of certain
hazardous substances in electrical and electronic equipment.  No
Exemptions are required for RoHS Compliance on this item.  Consult Alpha
Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):


Similar Part No. - 2132

ManufacturerPart #DatasheetDescription
logo
Heyco.
2132 HEYCO-2132 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2132 BELDEN-2132 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Alpha Wire
2132 SV005 ALPHAWIRE-2132 SV005 Datasheet
345Kb / 3P
Customer Specification
5/19/2017
logo
RAF ELECTRONIC HARDWARE
2132-632-AL RAF-2132-632-AL Datasheet
89Kb / 1P
1/4 HEX FEMALE STANDOFFS
2132-632-S RAF-2132-632-S Datasheet
89Kb / 1P
1/4 HEX FEMALE STANDOFFS
More results

Similar Description - 2132

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com