Electronic Components Datasheet Search
  English  ▼

X  

FQSFP Datasheet(PDF) 1 Page - Samtec, Inc

Part # FQSFP
Description  FLYOVER® QSFP CABLE ASSEMBLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FQSFP Datasheet(HTML) 1 Page - Samtec, Inc

  FQSFP Datasheet HTML 1Page - Samtec, Inc FQSFP Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
QSFP28, QSFP-DD and QSFP-D8 systems utilize Samtec Flyover® technology to route
data above lossy PCB, simplifying board layout and extending signal reach. The modular
design enables optimized systems that improve heat management, increase signal
integrity performance, build in scalability for future upgrades and reduces costs by
creating a multifunction board.
High–speed contacts
directly soldered to
Eye Speed® ultra low
skew twinax
Localized press-fit
control and power
contacts eliminate the
need for a secondary
cable and connector
FEATURES & BENEFITS
FLYOVER® QSFP SYSTEM
FLYOVER® QSFP DOUBLE DENSITY
800G FLYOVER® DOUBLE DENSITY
FLYOVER® QSFP
CABLE ASSEMBLIES
• 4 Channels (x4 bidirectional, 8 differential pairs)
• Up to 400 Gbps aggregate (112 Gbps PAM4)
• Compatible with all MSA QSFP pluggables
• Multiple heat sink options available for optimal dissipation
• Eye Speed® 30 or 34 AWG twinax cable
• Multiple end 2 options for design flexibility
• Evaluation Kits available (REF-205303-X.XX-XX and
REF-200471-X.XX-XX), visit samtec.com/kits
• 8 Channels (x8 bidirectional, 16 differential pairs)
• Up to 400 Gbps aggregate (56 Gbps PAM4)
• Belly–to–belly mating for maximum density
• Backward compatible with QSFP modules
• Multiple heat sink options available for optimal dissipation
• Variety of end 2 options
• Evaluation Kits available (REF-205605-X.XX-XX and
REF-203423-X.XX-XX), visit samtec.com/kits
• 8 Channels (x8 bidirectional, 16 differential pairs)
• Up to 800 Gbps aggregate (112 Gbps PAM4)
• Belly-to-belly mating for maximum density
• Backward compatible with QSFP & QSFP-DD modules
• Multiple heat sink options available for optimal dissipation
• Variety of end 2 options
F-221 (Rev 30AUG22)
samtec.com/qsfp-flyover


Similar Part No. - FQSFP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQS4410 FAIRCHILD-FQS4410 Datasheet
598Kb / 8P
Single N-Channel, Logic Level, Power MOSFET
FQS4900 FAIRCHILD-FQS4900 Datasheet
1Mb / 9P
Dual N & P-Channel, Logic Level MOSFET
FQS4901 FAIRCHILD-FQS4901 Datasheet
723Kb / 8P
400V Dual N-Channel MOSFET
FQS4901 FAIRCHILD-FQS4901 Datasheet
666Kb / 8P
N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
N-Channel QFET짰 MOSFET
More results

Similar Description - FQSFP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
Cable Assemblies
logo
ERNI Electronics
839000 ERNI-839000 Datasheet
49Kb / 2P
Flat Cable Assemblies
logo
Pasternack Enterprises,...
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
logo
Pulse A Technitrol Comp...
NMOKHFCX PULSE-NMOKHFCX Datasheet
1Mb / 4P
CABLE ASSEMBLIES/MOUNTS
logo
Pasternack Enterprises,...
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
RF Cable Assemblies
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
Cable Assemblies
MMCX SAMTEC-MMCX Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
logo
Molex Electronics Ltd.
747579005 MOLEX-747579005 Datasheet
497Kb / 3P
QSFP CABLE ASSEMBLY
2020/10/07
logo
Amphenol Corporation
NDYYJR-0001 AMPHENOL-NDYYJR-0001 Datasheet
304Kb / 2P
QSFP DD Cable Assemblies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com