Electronic Components Datasheet Search
  English  ▼

X  

FQSFP Datasheet(PDF) 2 Page - Samtec, Inc

Part # FQSFP
Description  FLYOVER® QSFP CABLE ASSEMBLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FQSFP Datasheet(HTML) 2 Page - Samtec, Inc

  FQSFP Datasheet HTML 1Page - Samtec, Inc FQSFP Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FLYOVER® QSFP28 CABLE ASSEMBLY
FQSFP
- LEADSTYLE - CABLELENGTH - PLATING - CONTACTTYPE - ENDOPTION
–01
= 10 Low-Speed,
8 Pairs High-Speed
–“XX.X”
= Length in inches
04.0" (101.6 mm)
minimum
–L
= 10 µ" (0.25 µm)
Gold over
50 µ" (1.27 µm)
Ni on contact area,
Matte Tin on tail
–PF
= Press-fit
–3
= ECUE
–4
= ARC6-8
QSFPC
- CAGEOPTION - NO.OFPORTS - EMIPANEL
OPTION
-
OPTION
- FLYOVER
–1
=Single Stack
–1
= One Port
–2
= Two Ports
–4
= Four Ports
–S
= Spring
Fingers
(Leave blank for no Light Pipe)
–LP
= Light Pipe
(1 & 4 ports only)
–N
= No heat sink closed top
(Not available with –LP)
(Leave blank
for no flyover)
–F
= Flyover
FQSFP
QSFPC
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
Notes:
Some sizes, styles and
options are non-standard,
non-returnable.
B
A
(9.65)
.380
(10.90)
.429
C
(58.80) 2.315
NO. OF
PORTS
A
B
C
–1
(20.62) .812
(19.85) .781
(19.00) .748
–2
(39.62) 1.560
(38.85) 1.530
(38.00) 1.496
–4
(77.62) 3.056
(76.85) 3.026
(76.00) 2.992
View complete specifications at:
samtec.com?FQSFP & samtec.com?QSFPC
HEAT SINKS
PART NUMBER
HEAT SINK HEIGHT
HS-QSFP-P1-01
(4.20 mm) .165"
HS-QSFP-P1-02
(6.50 mm) .256"
HS-QSFP-P1-03
(13.50 mm) .531"
HS-QSFP-P1-04
(1.50 mm) .059"
For Light Pipe, add -LP to the end of part number.
View complete specifications at samtec.com?HS-QSFP
LIGHT PIPES
PART NUMBER
NO. OF PORTS
LP-FQSFP-01
1 pipe
LP-FQSFP-02
2 pipes
LP-FQSFP-04
4 pipes
View complete specifications at samtec.com?LP-FQSFP
(18.20)
.717
(14.50)
.571
(15.00)
.591
OAL = CABLE LENGTH + (13.5) .53
(10.85)
.427
(5.35)
.211
(5.65)
.222
QSFPC–1–1–S–F SHOWN
FQSFP–01–XX.X–L–PF–4 SHOWN
F-221 (Rev 30AUG22)
samtec.com/qsfp-flyover



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com