Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3016 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ZSSC3016
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3016 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ZSSC3016 Datasheet HTML 1Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 2Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 3Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 4Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 5Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 6Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 7Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 8Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Low Power, High Resolution
16-Bit Sensor Signal Conditioner
ZSSC3016
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 25, 2016
Applications
The ZSSC3016 is designed for operation in cali-
brated resistive (e.g., pressure) sensor modules:
Barometric altitude measurement for portable
navigation
Altitude measurement for emergency call
systems and car navigation
Inside hard disk pressure measurement
Weather forecast
Fan control
ZSSC3016 Block Diagram
Ordering Information (Contact IDT Sales for additional options.)
Ordering Examples
Description
Package
ZSSC3016CC1B
Temperature range: –40°C to +85°C, consumer-level parameters
according to section 1 of the data sheet
Wafer (304µm) unsawn
ZSSC3016CI1B
Temperature range: –40°C to +85°C, industrial-level parameters according
to section 1 of the data sheet, 10 years MTP data retention
Wafer (304µm) unsawn
ZSSC3016CI1D ES
Engineering samples, temperature range: –40°C to +85°C
Dice in waffle pack
ZSSC3016KIT
ZSSC3016 Evaluation Kit, including sample and modular evaluation board
(Evaluation Software is downloadable from www.IDT.com/ZSSC3016)
Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com