Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3016 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC3016
Description  Low Power, High Resolution 16-Bit Sensor Signal Conditioner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3016 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC3016 Datasheet HTML 17Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 18Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 19Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 20Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 21Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 22Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 23Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 24Page - Renesas Technology Corp ZSSC3016 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
ZSSC3016 Datasheet
© 2016 Integrated Device Technology, Inc.
21
January 25, 2016
3.4.
Command Interpretation
3.4.1.
SPI/I
2C™ Commands
The user-accessible section of memory includes addresses 00HEX through 17HEX in the OTP memory that is
designated by the user memory page pointer. Because each of the four OTP memory pages cannot be rewritten
or erased, the memory page pointer must be incremented to the next OTP memory page in order to write to
memory again (see Table 3.1 for the command). After all four user-accessible OTP memory pages have been
used, further write operations are not possible and the “Memory Full” bit is returned as set in the status byte after
write operations (see section 3.5.1).
The SPI/I
2C™ commands supported by the ZSSC3016 are listed in Table 3.1. The command to read an address
in the user memory is the same as its address. The command to read the 16-bit memory status of the data at an
address in user memory is the address plus 20HEX. The command to write to an address in user memory is the
address plus 40HEX.
There is a IDT-reserved section of memory, which can be read but not over-written by the user.
Table 3.1
SPI/I
2C™ Commands
Command
(Byte)
Returns
*
Description
Normal
Mode
Command
Mode
00HEX to 17HEX
16-bit user data
Read data in user memory address
matching command (addresses 00HEX to
17HEX; might not be using all addresses).
yes
yes
20HEX to 37HEX
16-bit user memory
status
Read memory status for address specified
by command minus 20HEX (addresses 00HEX
to 17HEX respectively; see section 3.6.2 for a
description of the memory status).
yes
yes
40HEX to 57HEX +
data (0000HEX to
FFFFHEX)
—
Write data to user memory at address
specified by command minus 40HEX
(addresses 00HEX to 17HEX respectively;
might not be using all addresses).
no
yes
70HEX to 7EHEX
16-bit IDT-reserved
memory data
Read data in IDT-reserved memory at
address specified by command minus 70HEX
(2
nd set of addresses 00
HEX to 0EHEX
respectively).
no
yes
80HEX to 8EHEX
16-bit IDT-reserved
memory status
Read memory status bytes for IDT-reserved
memory data at address specified by
command minus 80HEX (2
nd set of addresses
00HEX to 0EHEX respectively; see section
3.6.2 for a description of the memory status
bytes).
no
yes
5EHEX
—
Increment user memory page pointer.
no
yes
* Every response starts with a status byte followed by the data word as described in section 3.5.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com