Electronic Components Datasheet Search
  English  ▼

X  

TL-N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # TL-N
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-N Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button TL-N Datasheet HTML 3Page - Omron Electronics LLC TL-N Datasheet HTML 4Page - Omron Electronics LLC TL-N Datasheet HTML 5Page - Omron Electronics LLC TL-N Datasheet HTML 6Page - Omron Electronics LLC TL-N Datasheet HTML 7Page - Omron Electronics LLC TL-N Datasheet HTML 8Page - Omron Electronics LLC TL-N Datasheet HTML 9Page - Omron Electronics LLC TL-N Datasheet HTML 10Page - Omron Electronics LLC TL-N Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
TL-N/TL-Q
I/O Circuit Diagrams
TL-N10
@
TL-N20
@
Model
Operation
mode
Output
configuration
Timing chart
Output circuit
TL-Q5MD1
TL-N7MD1
TL-N12MD1
TL-N20MD1
NO
DC 3-wire,
NPN
TL-Q5MD2
TL-N7MD2
TL-N12MD2
TL-N20MD2
NC
10
8
6
4
2
0
10
20
30
40
50
60
70
80
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
22
20
18
16
14
12
10
8
6
4
2
0
10
20
30
40
50
60
70
80
X
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Aluminum
Iron
Brass
0
80 (TYP)
100
(%)
Sensing
object
Rated
sensing
distance
Stable sensing
area
Non-sensing
area
Unstable
sensing
area
Set position
Proximity Sensor
ON
OFF
ON
OFF
ON
OFF
Setting indicator
(green)
Operation indicator
(red)
Control output
+V
0 V
Load
Brown
Blue
Proximity
Sensor
main
circuit
Note: The load can be connected to either
the +V or 0 V side.
0
100
(%)
Sensing
object
Rated
sensing
distance
Sensing
area
Non-sensing
area
Proximity Sensor
ON
OFF
ON
OFF
Operation indicator
(red)
Control output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com