Electronic Components Datasheet Search
  English  ▼

X  

TL-N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # TL-N
Description  Rectangular Standard Proximity Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-N Datasheet(HTML) 2 Page - Omron Electronics LLC

  TL-N Datasheet HTML 1Page - Omron Electronics LLC TL-N Datasheet HTML 2Page - Omron Electronics LLC TL-N Datasheet HTML 3Page - Omron Electronics LLC TL-N Datasheet HTML 4Page - Omron Electronics LLC TL-N Datasheet HTML 5Page - Omron Electronics LLC TL-N Datasheet HTML 6Page - Omron Electronics LLC TL-N Datasheet HTML 7Page - Omron Electronics LLC TL-N Datasheet HTML 8Page - Omron Electronics LLC TL-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL-N/TL-Q
2
Accessories (Order Separately)
Mounting Brackets A Mounting Bracket is provided with the Sensor depending on the model number. Check the column for the applicable Sensor.
[Refer to Dimensions on page 11.]
Ratings and Specifications
DC 2-Wire Models
* The response frequency is an average value.
Measurement conditions are as follows: standard sensing object, a distance of twice the standard sensing object, and a set distance of half the sensing distance.
Type
Model
Applicable Sensors
Provided with these Sensors
Order separately
Mounting Brackets
Y92E-C5
TL-N5ME
@, TL-N7MD@
TL-N5MY
@
Y92E-C10
TL-N10ME
@, TL-N12MD@,
TL-N10MF1
@
TL-N10MY
@
Y92E-C20
TL-N20ME
@, TL-N20MD@
TL-N20MY
@
Mounting Brackets for Conduits
Y92E-N5C15
---
TL-N5ME
@, TL-N5MY@
Y92E-N10C15
---
TL-N10ME
@, TL-N10MY@
Item
Model
TL-Q5MD
@
TL-N7MD
@
TL-N12MD
@
TL-N20MD
@
Sensing distance
5 mm
±10%
7 mm
±10%
12 mm
±10%
20 mm
±10%
Set distance
0 to 4 mm
0 to 5.6 mm
0 to 9.6 mm
0 to 16 mm
Differential travel
10% max. of sensing distance
Detectable object
Ferrous metal (The sensing distance decreases with non-ferrous metal. Refer to Engineering Data on page 5.)
Standard sensing
object
Iron, 18
× 18 × 1 mm
Iron, 30
× 30 × 1 mm
Iron, 40
× 40 × 1 mm
Iron, 50
× 50 × 1 mm
Response
frequency *
500 Hz
300 Hz
Power supply voltage
(operating voltage
range)
12 to 24 VDC (10 to 30 VDC), ripple (p-p): 10% max.
Leakage current
0.8 mA max.
Control
output
Load
current
3 to 100 mA
Residual
voltage
3.3 V max. (Load current: 100 mA, Cable length: 2 m)
Indicators
D1 Models: Operation indicator (red), Setting indicator (green)
D2 Models: Operation indicator (red)
Operation mode
(with sensing object
approaching)
D1 Models: NO
D2 Models: NC
Protection circuits
Load short-circuit protection, Surge suppressor
Ambient
temperature range
Operating/Storage:
−25 to 70°C (with no icing or condensation)
Ambient
humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature influence
±10% max. of sensing distance at 23°C in the temperature range of −25 to 70°C
Voltage influence
±2.5% max. of sensing distance at rated voltage in the rated voltage ±15% range
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC for 1 min between current-carrying parts and case
Vibration
resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times
each in X, Y, and Z directions
Destruction: 1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67, in-house standards: oil-resistant
Connection method
Pre-wired Models (Standard cable length: 2 m)
Weight (packed state)
Approx. 85 g
Approx. 165 g
Approx. 235 g
Approx. 330 g
Materials
Case
Heat-resistant ABS
Sensing
surface
Accessories
Instruction manual
Mounting Bracket,
Mounting phillips screws (M4
✕ 25),
Instruction manual
Mounting Bracket,
Mounting phillips screws (M4
✕ 30),
Instruction manual
Mounting Bracket,
Mounting phillips screws (M5
✕ 40),
Instruction manual
Refer to the timing charts under I/O Circuit Diagrams on page 7 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com