Electronic Components Datasheet Search
  English  ▼

X  

5014 Datasheet(PDF) 1 Page - Texas Instruments

Part # 5014
Description  LM60440AQEVM Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5014 Datasheet(HTML) 1 Page - Texas Instruments

  5014 Datasheet HTML 1Page - Texas Instruments 5014 Datasheet HTML 2Page - Texas Instruments 5014 Datasheet HTML 3Page - Texas Instruments 5014 Datasheet HTML 4Page - Texas Instruments 5014 Datasheet HTML 5Page - Texas Instruments 5014 Datasheet HTML 6Page - Texas Instruments 5014 Datasheet HTML 7Page - Texas Instruments 5014 Datasheet HTML 8Page - Texas Instruments 5014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
SNVU693 – February 2020
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
LM60440AQEVM User's Guide
User's Guide
SNVU693 – February 2020
LM60440AQEVM User's Guide
The Texas Instruments LM60440AQEVM evaluation module helps designers evaluate the operation and
performance of the LM60440-Q1 wide-input buck converters. The LM60440-Q1 is an easy-to-use
synchronous step-down DC/DC converter capable of driving up to 4.0 A of load current from an input
voltage of up to 36 V. The LM60440AQEVM features an adjustable output voltage of 5 V and a switching
frequency of 400 kHz. See the LMR60440-Q1 3.8-V to 36-V, 4-A Synchronous Step-down Voltage
Converter Data Sheet data sheets for additional features, detailed descriptions, and available options.
Table 1. Device and Package Configurations
EVM
U1
FREQUENCY
CURRENT
LM60440AQEVM
LM60440AQRPKRQ1
400 kHz
4.0 A
Figure 1. LM60440AQEVM Board


Similar Part No. - 5014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5014 ETC2-5014 Datasheet
462Kb / 1P
THM TEST POINTS
logo
Pomona Electronics
5014 POMONA-5014 Datasheet
139Kb / 1P
Pin Clips
logo
3M Electronics
5014 3M-5014 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Molex Electronics Ltd.
5014 MOLEX11-5014 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Keystone Electronics Co...
5014 KEYSTONE-5014 Datasheet
462Kb / 1P
(THM) THRU HOLE MOUNT TEST POINTS - COLOR KEYED
31-07 20th
More results

Similar Description - 5014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV411EVM TI1-DRV411EVM Datasheet
574Kb / 13P
DRV411EVM Users Guide
logo
M/A-COM Technology Solu...
28960-SWG-001-A MA-COM-28960-SWG-001-A Datasheet
866Kb / 105P
Software Users Guide
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
Evaluation Module Users Guide
28960-SWG-001-A MA-COM-28960-SWG-001-A_15 Datasheet
866Kb / 105P
Software Users Guide
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
EVALUATION KIT USERS GUIDE
CP2400-DK SILABS-CP2400-DK Datasheet
1Mb / 32P
DEVELOPMENT KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
EVALUATION KIT USERS GUIDE
UG130 SILABS-UG130 Datasheet
9Mb / 14P
Si86xxT-EVB Users Guide
logo
Texas Instruments
RF430FRL152HEVM TI-RF430FRL152HEVM Datasheet
2Mb / 40P
RF430FRL152HEVM Users Guide
Revised July 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com