Electronic Components Datasheet Search
  English  ▼

X  

5014 Datasheet(PDF) 9 Page - Texas Instruments

Part # 5014
Description  LM60440AQEVM Users Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5014 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5014 Datasheet HTML 5Page - Texas Instruments 5014 Datasheet HTML 6Page - Texas Instruments 5014 Datasheet HTML 7Page - Texas Instruments 5014 Datasheet HTML 8Page - Texas Instruments 5014 Datasheet HTML 9Page - Texas Instruments 5014 Datasheet HTML 10Page - Texas Instruments 5014 Datasheet HTML 11Page - Texas Instruments 5014 Datasheet HTML 12Page - Texas Instruments 5014 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
Bill of Materials
9
SNVU693 – February 2020
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
LM60440AQEVM User's Guide
5
Bill of Materials
Table 2. Bill of Materials
DESIGNATOR
COMMENT
DESCRIPTION
PART NUMBER
MANUFACTURER
QUANTITY
C1, C2
CF1, CF2
CAP, CERM, 4.7
µF, 50 V, ±10%,
X7R, 1206
GRM31CR71H475K
A12L
MuRata
2
C5
Cbulk
CAP, AL, 22 µF, 50
V, ±20%, 0.88 Ω,
AEC-Q200 Grade 2,
SMD
EEE-FK1H220P
Panasonic
1
C6
CIN1
CAP, CERM, 4.7
µF, 50 V, ±10%,
X5R, 0805
C2012X5R1H475K1
25AB
TDK
1
C7, C8
CHF1, CHF2
CAP, CERM, 0.22
µF, 50 V, ±10%,
X7R, 0603
C1608X7R1H224K0
80AB
TDK
2
C9, C16
CB, COHF
CAP, CERM, 0.1
µF, 25 V, ±10%,
X7R, 0603
06033C104KAT2A
AVX
2
C10
CVCC
CAP, CERM, 1 µF,
25 V, ±10%, X7R,
0603
885012206076
Wurth Elektronik
1
C12
CO1
CAP, CERM, 22 µF,
25 V, ±10%, X5R,
1210
CL32A226KAJNNN
E
Samsung Electro-
Mechanics
1
C13, C14
CO2, CO3
CAP, CERM, 47 µF,
16 V, ±10%, X5R,
1210
GRM32ER61C476K
E15L
MuRata
2
J1
VIN
Standard Banana
Jack, Insulated, Red
6091
Keystone
1
J2
VOUT
Standard Banana
Jack, Insulated,
Black
6092
Keystone
1
J3, J4
J_EN, J_PG
Header, 100 mil,
3x1, Gold, TH
HTSW-103-07-G-S
Samtec
2
L1
L1
Inductor, Shielded,
Composite, 6.8 µH,
9 A, 0.0208 Ω,
AEC-Q200 Grade 1,
SMD
XAL6060-682MEB
Coilcraft
1
L2
LF1
Inductor, Shielded,
Composite, 3.3 µH,
5.5 A, 0.026 Ω,
SMD
XAL4030-332MEB
Coilcraft
1
R1
RD
RES, 0, 1%, 0.1 W,
AEC-Q200 Grade 0,
0603
RMCF0603ZT0R00
Stackpole
Electronics Inc
1
R2
RFBT
RES, 100 k, 1%, 0.1
W, 0603
RC0603FR-
07100KL
Yageo
1
R3
RFBB
RES, 24.9 k, 1%,
0.1 W, AEC-Q200
Grade 0, 0603
CRCW060324K9FK
EA
Vishay-Dale
1
R4, R5
REN1, REN2
RES, 10.0 k, 1%,
0.1 W, AEC-Q200
Grade 0, 0603
CRCW060310K0FK
EA
Vishay-Dale
2
R6
RPG
RES, 100 k, 1%, 0.1
W, AEC-Q200
Grade 0, 0603
CRCW0603100KFK
EA
Vishay-Dale
1
SH-J1, SH-J2
SNT-100-BK-G
Shunt, 100 mil,
Gold plated, Black
SNT-100-BK-G
Samtec
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com