Electronic Components Datasheet Search
  English  ▼

X  

ZX2-SF11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # ZX2-SF11
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2-SF11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  ZX2-SF11 Datasheet HTML 1Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 2Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 3Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 4Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 5Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 6Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 7Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 8Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CSM_ZX2_DS_E_6_1
1
Smart Sensors Laser Sensors CMOS Type
ZX2
Stable measurement that is unaffected by
workpiece changes.
The simple setting for everyone.
• High-precision measurement to approx. 10
μm.
• Stable measurement regardless of movement or changes in
workpiece color or material.
• Smart tuning for optimal setting with one button for essentially any user.
• The 11-segment display enables reading characters at a glance.
• Four built-in banks make changeovers easy.
• Stable measurement in harsh environments with IP67
protection for Sensor Head and robot cable.
• Laser life indicator to prevent line stoppage through visualization.
Features
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Be sure to read Safety Precautions on page 11
Stability
Measurements to a Precision in the Order of 10 µm for any Workpiece
PAT.P
The use of a unique OMRON HSDR-CMOS (high-speed and dynamic range) image sensor
and a step-less laser power adjustment algorithm enable stable measurements for any
color or surface conditions, from metals to substrates, rubber, and transparent objects.
Linearity of 0.05% F.S.* achieves a measurement precision in the order of 10 µm.
Shinny metals Black rubber
Light
intake
amount
The light intake amount remains
the same even if the workpiece changes.
Two-element
automatic adjustment
Stable measurements on objects with changing color/material
CMOS shutter time
Laser emission power
Small
Large
Weak
Strong
Shinny metals
Black rubber
mount remains
orkpiece changes
ment
justment
color/material
ter tim
on power
Large
Strong
Black rubb
me
L
The light int
the same even
g
T
autom
e measurements on objects with cha
CMO
Laser e
Weak
Shinny metals
Small
Measurements for Bright Workpieces
Measurements for Dark Workpieces
Linearity characteristic of
the ZX2 according to material
0
-2
-4
-6
-8
-10
-1
-0.6
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2468
10
Distance (mm)
Linearity characteristic of
existing product according to material
0
-2
-4
-6
-8
-10
-1
-0.6
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2468
10
Distance (mm)
-40
-30
-20
-10
0
10
20
30
40
Max error:
approx.7µm
Moving condition
Rest state
workpiece
-400
-300
-200
-100
0
100
200
300
400
Max error: approx.400µm
Moving condition
Rest state
workpiece
Workpiece:SUS304, hairline (parallel)
Workpiece:SUS304, hairline (parallel)
White ceramic
SUS304, mirror finishing
SUS304, hairline (orthogonal)
SUS304, hairline (parallel)
Black rubber
White ceramic
SUS304, mirror finishing
SUS304, hairline (orthogonal)
SUS304, hairline (parallel)
Black rubber
A line beam is used in addition to an emitter beam when dealing with rough surfaces to average out the
amount of reflected light and to offset the amount of light received at a high-speed measurement period of
30 µs in order to reduce variations in received light and to enable stable measurements for moving objects.
Stable measurements on moving objects
* Linearity: The maximum error that occurs for measurements within the measurement range.
A linearity of ±0.05% F.S. means that when the LD50L is used for a measurement range of 40 to 50 mm,
the maximum error within the measurement range will be 10 µm.
Limit of resolution of
existing product when workpiece is moving
Limit of resolution of
the ZX2 when workpiece is moving
Stable measurement even for changes in colors and materials or for moving
workpieces with CMOS that has a dynamic range of two million times
No Variation
for Different
Workpieces
No Variation
for Moving
Workpieces
Easy
Sensor configuration by just a pushing
the SMART button
Essentially Anyone Can Set Optimum Conditions
Easily select smart tuning
with one button.
PAT.P
The optimum settings for stable measurement can be achieved with one
smart tuning button. The settings will not rely on the skill of the user.
Scene.3
One type of workpiece
Scene.1
Several types of workpiece
Scene.2
Surface conditions
of the workpiece are variable
Three selectable tunings
More accurate settings are made possible by the three tuning
methods for different workpiece types and surface conditions.
Single smart tuning
Best configuration for stable detection
in case of objects do not change by
pushing the button for one second
Multi-smart tuning
Ideal configuration for stable detection
of changing objects by pushing the
button for three seconds
Active smart tuning
Continuous configuration improvement
for the stable detection of all locations
by pushing the button for five seconds


Similar Part No. - ZX2-SF11

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX20 DIOTEC-ZX20 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZX20 DIOTEC-ZX20 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX20 NJSEMI-ZX20 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
Hirose Electric
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX20-B-5S-UNIT HIROSE-ZX20-B-5S-UNIT Datasheet
931Kb / 20P
Micro-USB connectors meeting USB 2.0 Standard
2017.12
More results

Similar Description - ZX2-SF11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADCS-1021 HP-ADCS-1021 Datasheet
104Kb / 8P
CMOS Image Sensors
logo
Cypress Semiconductor
CYONS1001X CYPRESS-CYONS1001X Datasheet
1Mb / 24P
OvationONS??Laser Navigation Sensors
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
OvationONS Laser Navigation Sensors
logo
Omron Electronics LLC
ZX-LD100L OMRON-ZX-LD100L Datasheet
899Kb / 10P
Smart Sensors (Laser Type) ZX Series (ZX-L-N)
logo
Hamamatsu Corporation
S11661 HAMAMATSU-S11661_15 Datasheet
326Kb / 9P
CMOS area image sensors
S11105 HAMAMATSU-S11105_15 Datasheet
348Kb / 9P
CMOS linear image sensors
S10453 HAMAMATSU-S10453_15 Datasheet
276Kb / 7P
CMOS linear image sensors
S8377 HAMAMATSU-S8377_15 Datasheet
847Kb / 7P
CMOS linear image sensors
logo
Banner Engineering Corp...
LG5A65PI BANNER-LG5A65PI Datasheet
982Kb / 11P
Laser Gauging Sensors
Q45BB6LL BANNER-Q45BB6LL Datasheet
2Mb / 8P
Q45BB6LL Laser Diode Retroreflective Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com