Electronic Components Datasheet Search
  English  ▼

X  

ZX2-SF11 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # ZX2-SF11
Description  Smart Sensors Laser Sensors CMOS Type
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX2-SF11 Datasheet(HTML) 3 Page - Omron Electronics LLC

  ZX2-SF11 Datasheet HTML 1Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 2Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 3Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 4Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 5Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 6Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 7Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 8Page - Omron Electronics LLC ZX2-SF11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ZX2
3
Sensor Head
47.
47.5mm
mm
47.5mm
35.5mm
22.6mm
* If the room temperature varies 1°C, the measured value varies 0.02% F.S.
(corresponding to 4µm for the Model ZX2-LD50)
* According to OMRON investigation of CMOS laser
displacement sensors performed in September 2010.
Cable can be
fed through
from the back
World smallest*
Compact sensor for easy mounting
IP67, robot cable
& temperature characteristic 0.02% F.S./°C
Reliable measurements in harsh environments
Spot beam
Precise measurement on
micro-scale objects
Line beam
Stable measurement on
rough-surfaced objects
Regular-reflective
Stable wafer
measurement
• Measurement range 50mm ±10mm
• Resolution
1.5 µm
• Linearity
Line beam
±0.05%F.S.*1
Spot beam
±0.10%F.S.*1
• Beam size
Line beam
Approx.60µm×2.6mm
Spot beam
Approx.60µm dia.
ZX2-LD50L Line beam type
ZX2-LD50
Spot beam type
• Measurement range 100mm ±35mm
• Resolution
5µm
• Linearity
Line beam
±0.05%F.S.*2
Spot beam
±0.10%F.S.*2
• Beam size
Line beam
Approx.110µm×2.7mm
Spot beam
Approx.110µm dia.
ZX2-LD100L Line beam type
ZX2-LD100
Spot beam type
• Measurement range 48mm ±5mm
• Resolution
1. 5 µm
• Linearity
Spot beam
±0.3%F.S.
• Beam size
Spot beam
Approx.60µm dia.
ZX2-LD50V Spot beam type
*1 Using 40 to 50mm
*2 Using 65 to 100mm
(regular-reflective)
Sensor Heads for Various Applications-select
the Range and Type of Beam
New Regular-reflective Sensor Head Designed for Optimal Wafer Measurement
IP67 protection class enables to use the sensor in harsh
environments. A robot cable is used as standard between the
head and amplifier, that the unit can be used reliably on moving
parts. In addition, as 3D UV bond is used to fix the optical
components rather than screws, stress can be controlled and a
temperature characteristic 0.02% F.S./°C* is realized.
The world’s smallest CMOS laser displacement sensor
head is realized in a resin case. Enables to mount the
sensor in smallest spaces and to minimize measure-
ment errors arising from temperature fluctuations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com