Electronic Components Datasheet Search
  English  ▼

X  

HPS35 Datasheet(PDF) 1 Page - Astec America, Inc

Part # HPS35
Description  350-1400 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HPS35 Datasheet(HTML) 1 Page - Astec America, Inc

  HPS35 Datasheet HTML 1Page - Astec America, Inc HPS35 Datasheet HTML 2Page - Astec America, Inc HPS35 Datasheet HTML 3Page - Astec America, Inc HPS35 Datasheet HTML 4Page - Astec America, Inc HPS35 Datasheet HTML 5Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev 02.24.05
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-96622
Special Features
Electrical Specs
350-1400 Watts
HPS35 Series
• Active Power Factor Correction
• EN61000-3-2 compliant
• CISPR22, EN55022 Class-B conducted/radiated EMI
• EN61000 immunity standards
•5VSB@2A
• Overvoltage protection (OVP)
• Overcurrent protection (OCP)
• Overtemperature protection (OTP)
• AC OK signal and indicator LED
• DC OK signal and indicator LED
• Remote inhibit
• Remote Sense on main output
•Hot Plug
• N+1 Redundant
• Optional I2C board (pending)
Voltage Monitoring
Current Monitoring
Remote on/off
DC OK / AC OK
Temperature
Fan fail
Input
Input voltage
90-264 VAC typical
Frequency
47-440 Hz
Inrush current
40 A peak typical @ 25°C
Efficiency
80% typ @ full load, 230 VAC
Power factor
0.98 typical @ 115 VAC, full load
Turn-on time
AC - ON 2 sec.
Inhibit / Enable 160 ms
EMI filter standard
CISPR 22 EN55022 Level “B”
Leakage current standard <0.5 mA max @ 230 VAC @ 60Hz
(per module)
Radiated EMI
CISPR 22 EN55022 Level “B”
Holdup time
20 ms minimum
(independent of input VAC)
AC OK
5 ms early warning minimum before
outputs lose regulation
Harmonic distortion
Meets EN61000-3-2
Isolation
Meets EN60950
Output
Adjustability
±5% of nominal output voltage
Overall reg
<3%
Ripple
1% of Vout Pk - Pk
(20 MHz bandwidth)
Dynamic response
4% with 50% load step
Recovery time
To within 1% in <300 µsec
Overcurrent protection
115%-130% of rated output current
Short circuit protection
Protected for continuous short circuit.
Auto recovery.
Overvoltage protection
120 - 140% . AC Reset.
Reverse voltage protection 100% of rated output current
Thermal protection
Main and Aux disabled when internal
temp exceeds safe operating range.
Remote sense
Up to 0.5 V total drop
Single wire parallel
Current share to within 10% of total
rated current on main output
DC OK
±5% of nominal
Minimum load*
None required (as a standalone module)
Standby voltage
5 VDC @2A max. present whenever AC
input is applied
Global Inhibit
Logic “0”
*3A minimum required for current share operation
Environmental
Total ppower:
350W
Input vvoltage: 90-2264VAC
# oof ooutputs:
One &
& sstandby
UL
UL60950-1, 1st Ed. (April 1, 2003)
CSA
CSA C22.2 60950-1-03
TUV
EN60950-1:2001 (1st Ed.)
CB
IEC60950-1, 1st Ed. (2001)
CE
Mark (LVD)
Operating temperature: 0°C to +50°C ambient, derate
output @ 2.5% per degree from 50°C to 70°C
Shock: Operating - 4g, half since, 22 ms minimum
duration, all 6 faces
Non-operating: 30g, half since, 6 ms minimum
duration, all 6 faces
Random Vibration
Operating: 1g rms, 20 min/axis
Non-operating: 12.5g rms, 20min/axis
Humidity: 95% non-condensing
Storage temperature: -40°C to +85°C
Temperature coefficient: 0.04% per °C
Cooling: Internal DC fans
Safety


Similar Part No. - HPS35

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
HPS35L EMERSON-NETWORKPOWER-HPS35L Datasheet
864Kb / 4P
Active Power Factor Correction
HPS35L-NNR-000 EMERSON-NETWORKPOWER-HPS35L-NNR-000 Datasheet
864Kb / 4P
Active Power Factor Correction
HPS35Q EMERSON-NETWORKPOWER-HPS35Q Datasheet
864Kb / 4P
Active Power Factor Correction
HPS35Q-NNR-000 EMERSON-NETWORKPOWER-HPS35Q-NNR-000 Datasheet
864Kb / 4P
Active Power Factor Correction
More results

Similar Description - HPS35

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
350 Watts
LPS350 ASTEC-LPS350 Datasheet
508Kb / 2P
350 Watts
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
350 Watts
LPS355-CEF ASTEC-LPS355-CEF Datasheet
512Kb / 2P
350 Watts LPS350 Series
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
360Kb / 5P
3501200 Watts
logo
Artesyn Technologies
AVE350B-48S28-6 ARTESYN-AVE350B-48S28-6 Datasheet
1Mb / 3P
Total Power: 350 Watts
LPQ352-C ARTESYN-LPQ352-C Datasheet
1Mb / 4P
Total Power: 350 Watts
logo
Surge Components
SES12VD523-2U SURGE-SES12VD523-2U Datasheet
401Kb / 5P
350 Watts peak pulse power
logo
Artesyn Technologies
LPS353-CEF ARTESYN-LPS353-CEF Datasheet
250Kb / 3P
350 Watts
NTS358-CF ARTESYN-NTS358-CF Datasheet
891Kb / 5P
350 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com