Electronic Components Datasheet Search
  English  ▼

X  

HPS35 Datasheet(PDF) 2 Page - Astec America, Inc

Part # HPS35
Description  350-1400 Watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HPS35 Datasheet(HTML) 2 Page - Astec America, Inc

  HPS35 Datasheet HTML 1Page - Astec America, Inc HPS35 Datasheet HTML 2Page - Astec America, Inc HPS35 Datasheet HTML 3Page - Astec America, Inc HPS35 Datasheet HTML 4Page - Astec America, Inc HPS35 Datasheet HTML 5Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EEU
URRO
OPPEE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
A
AM
MEERRIIC
CA
ASS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
www.astecpower.com
Watts
350
Input
Voltage
90-264
Module ID
HPS35
Code
Volts
Output Amps
L
12.0
29.2
W
48.0
7.3
Module
Max. Size
Max. Module
Number
Unit
Code
(H x W x L)
Power
per Rack Weight (lbs)
HPS35
1.6" x 4.3" x 10.5"
350 W
4
3.2
Modules
Output Voltage
L = 12 V
W = 48 V
Power
35 = 350 W
50 = 500 W
HPS
XXX
Special Options
& Modifications
Contact Astec
N
N
0 0 0
N R
H
HPPSS3355LL-N
NN
NRR-000000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com