Electronic Components Datasheet Search
  English  ▼

X  

MC7806CTG.. Datasheet(PDF) 21 Page - ON Semiconductor

Part # MC7806CTG..
Description  Voltage Regulators - Positive 1.0 A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7806CTG.. Datasheet(HTML) 21 Page - ON Semiconductor

Back Button MC7806CTG.. Datasheet HTML 17Page - ON Semiconductor MC7806CTG.. Datasheet HTML 18Page - ON Semiconductor MC7806CTG.. Datasheet HTML 19Page - ON Semiconductor MC7806CTG.. Datasheet HTML 20Page - ON Semiconductor MC7806CTG.. Datasheet HTML 21Page - ON Semiconductor MC7806CTG.. Datasheet HTML 22Page - ON Semiconductor MC7806CTG.. Datasheet HTML 23Page - ON Semiconductor MC7806CTG.. Datasheet HTML 24Page - ON Semiconductor MC7806CTG.. Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
www.onsemi.com
21
DEFINITIONS
Line Regulation ï The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Load Regulation ï The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation ï The maximum total
device dissipation for which the regulator will operate
within specifications.
Quiescent Current ï That part of the input current that is
not delivered to the load.
Output Noise Voltage ï The rms ac voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.
Long Term Stability ï Output voltage stability under
accelerated life test conditions with the maximum rated
voltage listed in the devices’ electrical characteristics and
maximum power dissipation.
ORDERING INFORMATION
Device
Nominal Voltage
Operating
Temperature Range
Package
Shipping†
MC7805ABD2TR4G
5.0 V
TJ = ï40°C to +125°C
D2PAK
(Pbïfree)
800 / Tape & Reel
NCV7805ABD2TR4G*
5.0 V
TJ = ï40°C to +125°C
D2PAK
(Pbïfree)
800 / Tape & Reel
MC7805ABTG
5.0 V
TJ = ï40°C to +125°C
TOï220
(Pbïfree)
50 Units /Rail
MC7805ACD2TG
5.0 V
TJ = 0°C to +125°C
D2PAK
(Pbïfree)
50 Units /Rail
MC7805ACD2TR4G
5.0 V
TJ = 0°C to +125°C
D2PAK
(Pbïfree)
800 / Tape & Reel
MC7805ACTG
5.0 V
TJ = 0°C to +125°C
TOï220
(Pbïfree)
50 Units /Rail
MC7805BD2TG
5.0 V
TJ = ï40°C to +125°C
D2PAK
(Pbïfree)
50 Units /Rail
MC7805BD2TR4G
5.0 V
TJ = ï40°C to +125°C
D2PAK
(Pbïfree)
800 / Tape & Reel
MC7805BDTG
5.0 V
TJ = ï40°C to +125°C
DPAK
(Pbïfree)
75 Units / Rail
MC7805BDTRKG
5.0 V
TJ = ï40°C to +125°C
DPAK
(Pbïfree)
2500 / Tape & Reel
NCV7805BDTRKG*
5.0 V
TJ = ï40°C to +125°C
DPAK
(Pbïfree)
2500 / Tape & Reel
MC7805BTG
5.0 V
TJ = ï40°C to +125°C
TOï220
(Pbïfree)
50 Units /Rail
NCV7805BTG*
5.0 V
TJ = ï40°C to +125°C
TOï220
(Pbïfree)
50 Units /Rail
NCV7805BD2TG*
5.0 V
TJ = ï40°C to +125°C
D2PAK
(Pbïfree)
50 Units /Rail
NCV7805BD2TR4G*
5.0 V
TJ = ï40°C to +125°C
D2PAK
(Pbïfree)
800 / Tape & Reel
MC7805CD2TG
5.0 V
TJ = 0°C to +125°C
D2PAK
(Pbïfree)
50 Units /Rail
MC7805CD2TR4G
5.0 V
TJ = 0°C to +125°C
D2PAK
(Pbïfree)
800 / Tape & Reel
MC7805CDTG
5.0 V
TJ = 0°C to +125°C
DPAK
(Pbïfree)
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
*NCV devices: Tlow = ï40°C, Thigh = +125°C. Guaranteed by design. NCV Prefix for Automotive and Other Applications Requiring Unique Site
and Control Change Requirements; AECïQ100 Qualified and PPAP Capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com