Electronic Components Datasheet Search
  English  ▼

X  

MC7806CTG.. Datasheet(PDF) 24 Page - ON Semiconductor

Part # MC7806CTG..
Description  Voltage Regulators - Positive 1.0 A
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7806CTG.. Datasheet(HTML) 24 Page - ON Semiconductor

Back Button MC7806CTG.. Datasheet HTML 20Page - ON Semiconductor MC7806CTG.. Datasheet HTML 21Page - ON Semiconductor MC7806CTG.. Datasheet HTML 22Page - ON Semiconductor MC7806CTG.. Datasheet HTML 23Page - ON Semiconductor MC7806CTG.. Datasheet HTML 24Page - ON Semiconductor MC7806CTG.. Datasheet HTML 25Page - ON Semiconductor MC7806CTG.. Datasheet HTML 26Page - ON Semiconductor MC7806CTG.. Datasheet HTML 27Page - ON Semiconductor MC7806CTG.. Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
www.onsemi.com
24
78xxAyD2T
AWLYWWG
MC
78xxAyT
AWLYWWG
xx
= 05, 06, 08, 09, 12, 15, 18, or 24
y
= B or C
A
= Assembly Location
WL, L = Wafer Lot
Y
= Year
WW
= Work Week
G
= PbïFree Device
MARKING DIAGRAMS
TOï220ï3
T SUFFIX
CASE 221A
MC
D2PAKï3
D2T SUFFIX
CASE 936
DPAKï3
DT SUFFIX
CASE 369C
78xxyG
ALYWW
78xxyD2T
AWLYWWG
MC
*
MC
78xxyT
AWLYWWG
*
*This marking diagram also applies to NCV78xx family.
MC
78xxAEyT
AWLYWWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com