Electronic Components Datasheet Search
  English  ▼

X  

G3PC Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G3PC
Description  Solid State Relays with Failure Detection Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PC Datasheet(HTML) 6 Page - Omron Electronics LLC

  G3PC Datasheet HTML 1Page - Omron Electronics LLC G3PC Datasheet HTML 2Page - Omron Electronics LLC G3PC Datasheet HTML 3Page - Omron Electronics LLC G3PC Datasheet HTML 4Page - Omron Electronics LLC G3PC Datasheet HTML 5Page - Omron Electronics LLC G3PC Datasheet HTML 6Page - Omron Electronics LLC G3PC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
G3PC
6
Safety Precautions
■ Precautions for Correct Use
Please observe the following precautions to prevent failure to
operate, malfunction, or undesirable effect on product performance.
Mounting Method
DIN Track Mounting
When mounting to a DIN track, mount the G3PC until it clicks into
place, otherwise it become loose during use and fall. Fix both ends
with end plates.
Panel Mounting
When mounting directly to a panel, observe the following conditions:
Screw diameter: M4
Tightening torque: 0.98 to 1.47 N·m
Vertical Mounting
Horizontal Mounting
Note: Use the G3PC at a load current of 50% of the rated load current
when it is mounted horizontally.
Close Mounting
Note: Use the G3PC at a load current of 80% of the rated load current
when it is mounted side by side.
Wiring
• When using crimp terminals, observe the terminal clearances
shown below.
• Make sure that all lead wires are of a thickness appropriate for the
current.
• The output terminals are charged, and touching them may result in
electric shock, even when the G3PC is OFF. Separate the outputs
from the power supply by installing a circuit-breaker at a higher
level in the circuit.
Tightening Torque
Be sure to tighten the screws to the specified torques given below.
Not doing so may result in malfunction.
EMC Directive Compliance
The Unit complies with the EMC Directives in the following
conditions.
Panel
Panel
5 mm
Wiring duct
80 mm min.
80 mm min.
Wiring duct
Terminal number
Screw terminal
diameter
Tightening torque
A1, A2, X1, X2
M3.5
0.59 to 1.18 N·m
1/L1, 2/T1, 3
M4
0.98 to 1.47 N·m
10
7.0
12.4
10
M3.5
Main Circuit Power Supply
(Terminals 1 to 3)
Operating Input/Alarm Output
(Terminals A1, A2, X1, and X2)
Output
Input
G3PC SSR
Load
3 m max.
• Connect film capacitors to both sides of the load power
supply output.
• The input cable must be no longer than 3m.
Film Capacitor
• 1 µF, 250 VAC
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com