Electronic Components Datasheet Search
  English  ▼

X  

G3PC Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3PC
Description  Solid State Relays with Failure Detection Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3PC Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3PC Datasheet HTML 1Page - Omron Electronics LLC G3PC Datasheet HTML 2Page - Omron Electronics LLC G3PC Datasheet HTML 3Page - Omron Electronics LLC G3PC Datasheet HTML 4Page - Omron Electronics LLC G3PC Datasheet HTML 5Page - Omron Electronics LLC G3PC Datasheet HTML 6Page - Omron Electronics LLC G3PC Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
G3PC
3
Operation
■ Failure Detection Function
Conditions for SSR Failure Detection
Note: 1. The contents of each of the above failure modes is as follows:
SSR short-circuit: SSR output circuit remains in the ON state.
SSR half-wave short-circuit: SSR output circuit remains in the ON state in one direction.
SSR open-circuit: SSR output circuit remains in the OFF state.
SSR half-wave open-circuit: SSR output circuit remains in the OFF state in one direction.
In addition to the failure modes listed above, detection of circuit disconnections for the load circuit is also possible. (As a rough guide,
circuit disconnection will be detected if the load impedance is greater than or equal to 1 M
Ω.)
2. The same power supply is used for both the detection and for the output circuit and so detection is not performed during power
interruptions.
3. If power supply (terminal 3) is in the open state, the SSR will still turn ON and OFF in the same way but the failure detection function and
alarm display will not operate properly.
Connection Diagrams (Main Circuit)
The following diagrams show the applicable load connection configurations for SSR failure detection.
Note: 1. With 3-phase connection, so that the power supply voltage is applied between the G3PC’s terminals 1/L1 and 3, connect the desired
phase to terminal 3.
2. When grounding to a neutral point with a three-phase start connection, an overvoltage will be applied to the G3PC if the neutral point
becomes disconnected, possibly causing product failure. Make sure the connection to the neutral point is secure.
3. Detection is not possible for the heater indicated with an asterisks with a three-phase delta connection.
Timing Chart
Note: After failure detection, if the detection conditions differ to the conditions given under Conditions for SSR Failure Detection, alarm output is
reset.
Failure mode
(See note 1.)
Operating input (between
terminals A1 and A2)
Detection time
Alarm display
(See note 3.)
Alarm display (between
terminals X1 and X2)
(See note 3.)
SSR short-circuit
OFF
0.5 s max. (See note 2.)
Red
Open collector transistor
output
SSR half-wave short-circuit OFF
SSR open-circuit
ON
SSR half-wave open-circuit ON
Single Phase
3-phase Star
Connection
3-phase Delta
Connection (3-phase,
2-wire Switching)
3-phase V
Connection
G3PC
G3PC
G3PC
G3PC
G3PC
G3PC
G3PC
G3PC
Heater
Main circuit power
supply (load side)
Operating input
(between terminals
A1 and A2)
Input LED
(yellow)
Load current
RDY/ALM LED
(Green:
; Red:
)
Alarm output
(between terminals
X1 and X2)
SSR ON normally
SSR OFF normally
SSR short-circuit
Reset (See note.)
SSR open-circuit
Reset (See note.)
SSR failure detection
Circuit disconnection detection on the load side
Load circuit disconnection
Reset (See note.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com