Electronic Components Datasheet Search
  English  ▼

X  

AL8863 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8863
Description  60V BUCK LED CONTROLLER WITH FAULT FLAG
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8863 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8863 Datasheet HTML 1Page - Diodes Incorporated AL8863 Datasheet HTML 2Page - Diodes Incorporated AL8863 Datasheet HTML 3Page - Diodes Incorporated AL8863 Datasheet HTML 4Page - Diodes Incorporated AL8863 Datasheet HTML 5Page - Diodes Incorporated AL8863 Datasheet HTML 6Page - Diodes Incorporated AL8863 Datasheet HTML 7Page - Diodes Incorporated AL8863 Datasheet HTML 8Page - Diodes Incorporated AL8863 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AL8863
Document number: DS42198 Rev. 1 - 2
2 of 13
www.diodes.com
August 2019
© Diodes Incorporated
AL8863
Typical Applications Circuit
AL8863
NTC
DIM
EP
CSN
DRV
VIN
FAULT
GND
OSP
C1
R1
L1
Q1
D1
R2
VIN
R3
R4
Pin Descriptions
Pin Number
Pin Name
Function
1
OSP
Output Shorted Protection
2
DIM
Multi-function On/Off and brightness control pin:
Leave floating for normal operation
Drive to voltage below 0.3V to turn off output current
Drive with an analog voltage >2.6V, output current will be 100% of IOUT_NOM
A PWM signal (Low level <0.3V, High level >2.6V, transition time less than 1µs) allows the output
current to be adjusted over a wide range up to 100%
Connect a capacitor from this pin to ground to increase soft-start time
3
NTC
Connect a NTC resistor to GND to set thermal fold-back break point
4
GND
Ground
5
DRV
Gate Driver
6
VIN
Input voltage (4.5V to 60V). Decouple to ground with 10μF or higher X7R ceramic capacitor close to
device.
7
FAULT
Fault Report Pin. Asserted Low to report faulty conditions. Needs an external pull-up resistor.
8
CSN
Current sense negative input. Connect current sense resistor from VIN to CSN for high-side current
sense control
9
EP
Exposed pad. Connect to GND and thermal mass for enhanced thermal impedance. Should not be used
as electrical ground conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com