Electronic Components Datasheet Search
  English  ▼

X  

AL8863 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL8863
Description  60V BUCK LED CONTROLLER WITH FAULT FLAG
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8863 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL8863 Datasheet HTML 1Page - Diodes Incorporated AL8863 Datasheet HTML 2Page - Diodes Incorporated AL8863 Datasheet HTML 3Page - Diodes Incorporated AL8863 Datasheet HTML 4Page - Diodes Incorporated AL8863 Datasheet HTML 5Page - Diodes Incorporated AL8863 Datasheet HTML 6Page - Diodes Incorporated AL8863 Datasheet HTML 7Page - Diodes Incorporated AL8863 Datasheet HTML 8Page - Diodes Incorporated AL8863 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AL8863
Document number: DS42198 Rev. 1 - 2
3 of 13
www.diodes.com
August 2019
© Diodes Incorporated
AL8863
Functional Block Diagram
VIN
DIM
CSN
GND
FAULT
THERMAL
CONTROL
LOGIC
CONTROL
OTP
GATE
DRIVER
PWM
REGULATOR
BANGAP
FAULT
LOGIC
DRV
CURRENT
MONITOR
OPEN
_
+
Σ
OSP
OSP
NTC
Vref
3
2
6
8
1
7
5
4
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
-0.3 to +65
V
VCSN, VFAULT, VOSP
CSN, FAULT, OSP Pin Voltage
-0.3 to +65
V
VDRV
DRV Pin Voltage
-0.3 to +20
V
VDIM, VNTC
DIM, NTC Pin Voltage
-0.3 to +5.5
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +165
°C
Note:
4.
Stresses greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those
indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
ESD Ratings
Symbol
Parameter
Rating
Unit
VESD
Human-Body Model (HBM)
2000
V
Charged-Device Model (CDM)
750
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
60
V
fSW
Operating Frequency
50
1000
kHz
TA
Operating Ambient Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com