Electronic Components Datasheet Search
  English  ▼

X  

LPS110 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPS110
Description  110 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS110 Datasheet(HTML) 1 Page - Astec America, Inc

  LPS110 Datasheet HTML 1Page - Astec America, Inc LPS110 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev 12.10.03
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
100
Special Features
Electrical Specs
110 Watts
LPS110 Series
Input
Input range
85-264 VAC
120-300 VDC
Frequency
47-440 Hz
Inrush current
<18 A peak @ 115 VAC;
<36 A peak @ 230 VAC,
cold start @ 25°C
Input current
2.5 A max. (RMS) @ 115 VAC
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted
CISPR 22 Class B conducted
EN55022 Class B conducted
VDE 0878 PT3 Class B conducted
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 VAC-input
Output
Maximum power
80 W for convection;
110 W with 30 CFM forced air
Adjustment range
±5% minimum
Hold-up time
20 ms @80 W load, 115 VAC nominal
line
Overload protection
Short circuit protection. Case overload
protected @ 110-145% above peak
rating
Overvoltage protection
5 V output: 5.7-6.7 VDC. Other outputs
10% to 20% above nominal output.
Latching type, recycle AC to reset.
Logic Control
Power failure
TTL logic signal goes high 50-150 msec
after main output. It goes low at least 4
msec before loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min.
Will operate without remote sense
connected. Reverse connection
protected.
• Universal input
• High efficiency
• Remote sense
• Built-in EMI filter
• Low output ripple
• Adjustable output
•Power fail
• Overvoltage protection
• Overload protection
• Optional L bracket (-B suffix)
• Cover kit available LPX110-C
Operating temperature: 0° to 50°C ambient
derate each output at 2.5% per degree from
50° to 70°C
Electromagnetic susceptibility: Designed to
meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity: Operating; non-condensing
5% to 95%
Vibration: Three orthogonal axes, sweep at
1 oct/min, 5 min. dwell at four major resonances
0.75 G peak 5 Hz to 500 Hz, operational
Storage temperature: -40° to 85°C
Temperature coefficient: ±.04% per °C
MTBF demonstrated: >550,000 hours at full load
and 25°C ambient conditions
Environmental
Safety
VDE
0805/EN60950 (IEC950) 11774-3336-1245 (LC #84997)
UL
UL1950
E132002
CSA
CSA 22.2-234 Level 3
LR53982C
NEMKO EN 60950/EMKO-TUE
P95100376
(74-sec) 203
CB
Certificate and report
1563, 1564, 1565, 1566, 1567
CE
Mark (LVD)
Total Power:
80-110 Watts
Input Voltage: 85-264 VAC
120-300 VDC
# of Outputs:
Single


Similar Part No. - LPS110

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS110 EMERSON-NETWORKPOWER-LPS110 Datasheet
203Kb / 2P
Universal input
logo
Vishay Siliconix
LPS1100 VISHAY-LPS1100 Datasheet
116Kb / 5P
Power Resistor for Mounting onto a Heatsink
05-Sep-12
LPS1100110XXXBO15E VISHAY-LPS1100110XXXBO15E Datasheet
116Kb / 5P
Power Resistor for Mounting onto a Heatsink
05-Sep-12
LPS110011XXXBO15E VISHAY-LPS110011XXXBO15E Datasheet
116Kb / 5P
Power Resistor for Mounting onto a Heatsink
05-Sep-12
LPS110012XXXBO15E VISHAY-LPS110012XXXBO15E Datasheet
116Kb / 5P
Power Resistor for Mounting onto a Heatsink
05-Sep-12
More results

Similar Description - LPS110

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
110 Watts
logo
Powerbox
PD40-10 POWERBOX-PD40-10 Datasheet
1Mb / 4P
40-110 WATTS WIDE INPUT
PMP110 POWERBOX-PMP110 Datasheet
1Mb / 2P
110 WATTS MULTIPLE OUTPUT AC/DC MEDICAL
logo
Artesyn Technologies
LPQ172 ARTESYN-LPQ172 Datasheet
697Kb / 4P
Total Power: 110 - 175 Watts
LPQ142 ARTESYN-LPQ142 Datasheet
643Kb / 3P
Total Power: 110 - 145 Watts
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
GRN-110M IPDPOWER-GRN-110M Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-110S IPDPOWER-GRN-110S Datasheet
401Kb / 2P
110 WATTS SINGLE OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com