Electronic Components Datasheet Search
  English  ▼

X  

LPS110 Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPS110
Description  110 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS110 Datasheet(HTML) 2 Page - Astec America, Inc

  LPS110 Datasheet HTML 1Page - Astec America, Inc LPS110 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
101
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
4.0"
(101.6)
3.5"
(88.9)
0.25"
(6.35)
0.25"
(6.35)
6.5"
(165.1)
7.0"
(177.8)
1.80"
(45.7)
0.12"
(3)
SK 1
1
2
3
4
5
6
7
8
9
0.156" (4)
DIA (4 places)
1
3
N
L
GND
SK 202
(POK)
1 2
SK 201
(+S) 1
(-S) 2
M1
M2
Model
Output
Minimum
Maximum Load with
Maximum Load with
Peak
Regulation2
Ripple
Number
Voltage
Load
Convection Cooling
30 CFM Forced Air
Load1
P/P (PARD)3
LPS113
12 V
0 A
6.7 A
9.2 A
10.4 A
±2%
120 mV
LPS114
15 V
0 A
5.3 A
7.3 A
8.3 A
±2%
150 mV
LPS115
24 V
0 A
3.3 A
4.6 A
5.2 A
±2%
240 mV
LPS118
48 V
0 A
1.7 A
2.3 A
2.6 A
±2%
480 mV
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load.
Note: -B suffix added to model number indicates L bracket option.
ConnectorLPS113
LPS114
LPS115
LPS118
SK1-1
GND
GND
GND
GND
SK1-3
Neutral
Neutral
Neutral
Neutral
SK1-5
Line
Line
Line
Line
SK2-1
+12 V
+15 V
+24 V
+48 V
SK2-2
+12 V
+15 V
+24 V
+48 V
SK2-3
+12 V
+15 V
+24 V
+48 V
SK2-4
Common Common Common Common
SK2-5
Common Common Common Common
SK2-6
Common Common Common Common
SK2-7
Common Common Common Common
SK2-8
+12 V
+15 V
+24 V
+48 V
SK2-9
+12 V
+15 V
+24 V
+48 V
SK201-1 +sense
+sense
+sense
+sense
SK201-2 -sense
-sense
-sense
-sense
SK202-1 Pok
Pok
Pok
Pok
SK202-2 GND
GND
GND
GND
Mating Connectors
AC Input:
Molex 09-50-8051 (USA)
09-91-0500 (UK)
PINS: 08-58-0111
DC Outputs:
Molex 09-50-8091 (USA)
09-91-0900 (UK)
PINS: 08-58-0111
Remote sense/power fail:
Molex 22-01-1022 (USA)
22-01-1023 (UK)
PINS: 08-50-0114
Astec Connector Kit #70-841-007, includes all of the above
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. Specifications are for convection rating at factory settings unless
otherwise stated.
4. Mounting holes M1 and M2 should be grounded for EMI purposes.
5. Mounting hole M1 is safety ground connection.
6. L Bracket mounting (6-32) maximum insertion depth is .20” (5).
7. Warranty: 1 year
8. Weight: 1.25 lb / 0.57 kg
Pin Assignments
4.28"
(108.6)
2.5"
(63.5)
6.4"
(162.6)
7.3"
(185.5)
2.2"
(56)
5.9"
(150.0)
0.86"
(21.8)
#6-32 PEM
6 places
-B Bracket



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com