Electronic Components Datasheet Search
  English  ▼

X  

516D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 516D
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

516D Datasheet(HTML) 2 Page - Vishay Siliconix

  516D Datasheet HTML 1Page - Vishay Siliconix 516D Datasheet HTML 2Page - Vishay Siliconix 516D Datasheet HTML 3Page - Vishay Siliconix 516D Datasheet HTML 4Page - Vishay Siliconix 516D Datasheet HTML 5Page - Vishay Siliconix 516D Datasheet HTML 6Page - Vishay Siliconix 516D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
516D
www.vishay.com
Vishay Sprague
Not for New Designs
Revision: 04-May-2018
2
Document Number: 42046
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
ORDERING EXAMPLE
Electrolytic capacitor 516D series:
516D 107 M 6R3 JL 6 A E3
PACKING AND LEAD STYLES
6A
Bulk, uncut leads.
7B
Tape and reel. For case codes JL, LL, LM, MM, MN, NP, NR, PR and PS only.
7C
Tape and reel with 2.874" [73.0] mm tape width. For case codes NP, NR and PR only.
* Suffix E3 denotes lead (Pb)-free / RoHS-compliant products
DIMENSIONS in inches [millimeters] AND PACKAGING QUANTITIES
CASE
CODE
TAPING
CODE
SPECIFICATIONS
TAPE WIDTH W ± 0.059 [1.5]
COMPONENT PITCH P ± 0.020 [0.5]
QUANTITY PER REEL
JL
B
2.063 [52.4]
0.394 [10.0]
1600
LL
B
2.063 [52.4]
0.394 [10.0]
1300
LM
B
2.063 [52.4]
0.394 [10.0]
1300
MM
B
2.063 [52.4]
0.394 [10.0]
1000
MN
B
2.500 [63.5]
0.394 [10.0]
1000
NP
B
2.500 [63.5]
0.591 [15.0]
500
NP
C
2.874 [73.0]
0.591 [15.0]
500
NR
B
2.500 [63.5]
0.591 [15.0]
500
NR
C
2.874 [73.0]
0.591 [15.0]
500
PR
B
2.500 [63.5]
0.591 [15.0]
350
PR
C
2.874 [73.0]
0.591 [15.0]
350
PS
B
2.874 [73.0]
0.591 [15.0]
350
DESCRIPTION
CODE
EXPLANATION
516D
Product type
107
Capacitance value (100 μF)
M
Tolerance (M = ± 20 %)
6R3
Voltage rating at 85 °C (6R3 = 6.3 V)
JL
Can size (see Dimensions table)
6
Packaging (bulk)
A
Lead style (uncut)
E3
RoHS compliant indicator
White tape for
positive polarity
W ± 0.059
[± 1.5]
D
0.78 [2.0]
max.
W ± 0.047
[± 1.2]
0.236 ± 1°
[6 ± 1°]
P ± 0.020
[± 0.5]
0.047 [± 1.2]
max.
Blue or yellow tape
for negative polarity



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com