Electronic Components Datasheet Search
  English  ▼

X  

516D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 516D
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

516D Datasheet(HTML) 3 Page - Vishay Siliconix

  516D Datasheet HTML 1Page - Vishay Siliconix 516D Datasheet HTML 2Page - Vishay Siliconix 516D Datasheet HTML 3Page - Vishay Siliconix 516D Datasheet HTML 4Page - Vishay Siliconix 516D Datasheet HTML 5Page - Vishay Siliconix 516D Datasheet HTML 6Page - Vishay Siliconix 516D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
516D
www.vishay.com
Vishay Sprague
Not for New Designs
Revision: 04-May-2018
3
Document Number: 42046
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
LEAD
DIAMETER
MAX. DF
AT +20 °C
120 Hz
MAX. RIPPLE
AT +85 °C / 120 Hz
(mARMS)
6.3 WVDC AT +85 °C, SURGE = 8 V
100
516D107M6R3JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.24
110
220
516D227M6R3LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.24
200
330
516D337M6R3LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.24
250
470
516D477M6R3MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.24
330
1000
516D108M6R3NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.24
600
2200
516D228M6R3PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.24
1020
3300
516D338M6R3PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.24
1200
4700
516D478M6R3QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.024 [0.6]
0.24
1500
6800
516D688M6R3QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.24
1840
10 000
516D109M6R3QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.24
2260
10 WVDC AT +85 °C, SURGE = 13 V
33
516D336M010JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.2
65
47
516D476M010JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.2
80
100
516D107M010LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.2
130
220
516D227M010LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.2
210
330
516D337M010MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
300
470
516D477M010MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.2
350
1000
516D108M010NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.2
640
2200
516D228M010PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.2
1090
3300
516D338M010PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.2
1390
4700
516D478M010QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.2
1730
6800
516D688M010QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.2
1930
10 000
516D109M010RT6AE3
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
0.2
2350
16 WVDC AT +85 °C, SURGE = 20 V
22
516D226M016JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.16
60
33
516D336M016JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.16
70
47
516D476M016JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.16
85
100
516D107M016LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.16
160
220
516D227M016MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.16
260
330
516D337M016MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.16
320
470
516D477M016MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.16
430
1000
516D108M016NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.16
770
2200
516D228M016PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.16
1180
3300
516D338M016QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.16
1620
4700
516D478M016QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.16
1840
6800
516D688M016RT6AE3
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
0.16
2310
25 WVDC AT +85 °C, SURGE = 32 V
10
516D106M025JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.14
40
22
516D226M025JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.14
65
33
516D336M025JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.14
80
47
516D476M025LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.14
100
100
516D107M025LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.14
170
220
516D227M025MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.14
280
330
516D337M025MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.14
380
470
516D477M025NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.14
510
1000
516D108M025PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.14
900



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com