Electronic Components Datasheet Search
  English  ▼

X  

CT815 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # CT815
Description  DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT815 Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button CT815 Datasheet HTML 4Page - CT Micro International Corporation CT815 Datasheet HTML 5Page - CT Micro International Corporation CT815 Datasheet HTML 6Page - CT Micro International Corporation CT815 Datasheet HTML 7Page - CT Micro International Corporation CT815 Datasheet HTML 8Page - CT Micro International Corporation CT815 Datasheet HTML 9Page - CT Micro International Corporation CT815 Datasheet HTML 10Page - CT Micro International Corporation CT815 Datasheet HTML 11Page - CT Micro International Corporation CT815 Datasheet HTML 12Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.4
ALL RIGHTS RESERVED.
Page 8
Aug, 2022
CT815 Series
DC Input 4-Pin DMC-Isolator®
Photodarlington Optocoupler
Marking Information
Note:
CT
: Denotes “CT Micro”
815
: Part Number
V
: VDE Safety Mark Option (Blank or V)
Y
: One Digit Year Code
WW
: Two Digit Work Week
K
: Manufacturing Code
Ordering Information
CT815(Y)(Z)-G
CT
=
Denotes “CT Micro”
815
= Part Number
Y
= Lead Form Option (S, SL, M, SLM or Blank)
Z
= Tape and Reel Option (Blank, T1, T2, T3 or T4)
G
= Material Option (G: Halogen Free, Blank: Non-Halogen Free)
Option
Description
Quantity
None
Standard 4 Pin DIP
100 Units/Tube
M
Gullwing (400mil) Lead Forming
100 Units/Tube
S(T1)
Surface Mount Lead Forming
– With Option 1 Taping
1500 Units/Reel
S(T2)
Surface Mount Lead Forming
– With Option 2 Taping
1500 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming
– With Option 1 Taping
1500 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming
– With Option 2 Taping
1500 Units/Reel
SLM(T1)
Surface Mount (Gullwing) Lead Forming
– With Option 1 Taping
1500 Units/Reel
SLM(T2)
Surface Mount (Gullwing) Lead Forming
– With Option 2 Taping
1500 Units/Reel
CT
815
VYWWK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com