Electronic Components Datasheet Search
  English  ▼

X  

CT815 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CT815
Description  DC Input 4-Pin DMC-Isolator Photodarlington Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT815 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CT815 Datasheet HTML 1Page - CT Micro International Corporation CT815 Datasheet HTML 2Page - CT Micro International Corporation CT815 Datasheet HTML 3Page - CT Micro International Corporation CT815 Datasheet HTML 4Page - CT Micro International Corporation CT815 Datasheet HTML 5Page - CT Micro International Corporation CT815 Datasheet HTML 6Page - CT Micro International Corporation CT815 Datasheet HTML 7Page - CT Micro International Corporation CT815 Datasheet HTML 8Page - CT Micro International Corporation CT815 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.4
ALL RIGHTS RESERVED.
Page 2
Aug, 2022
CT815 Series
DC Input 4-Pin DMC-Isolator®
Photodarlington Optocoupler
Absolute Maximum Ratings T
A = 25°C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the operational sections of this document. In addition, extended exposure to stresses above
the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
(AC, 1 minute)
5000
VRMS
TOPR
Operating temperature
-55 ~ +110
oC
TSTG
Storage temperature
-55 ~ +150
oC
TSOL
Soldering temperature
260
oC
PTOT
Total power dissipation
200
mW
Emitter
IF
Forward current
60
mA
IF(TRANS)
Peak transient current
(≤1μs P.W,300pps)
1
A
VR
Reverse voltage
6
V
PD
Power dissipation
100
mW
Detector
PC
Power dissipation
150
mW
BVCEO
Collector-Emitter Breakdown Voltage
40
V
BVECO
Emitter-Collector Breakdown Voltage
7
V
IC
Collector Current
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com