Electronic Components Datasheet Search
  English  ▼

X  

564R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 564R
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R Datasheet(HTML) 2 Page - Vishay Siliconix

  564R Datasheet HTML 1Page - Vishay Siliconix 564R Datasheet HTML 2Page - Vishay Siliconix 564R Datasheet HTML 3Page - Vishay Siliconix 564R Datasheet HTML 4Page - Vishay Siliconix 564R Datasheet HTML 5Page - Vishay Siliconix 564R Datasheet HTML 6Page - Vishay Siliconix 564R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
561R and 564R Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
2
Document Number: 23115
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC 1 kVDC LOW DISSIPATION FACTOR
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
FIG.
ORDERING
CODE
AWG
INCH (mm)
C0G (NP0)
10
± 5
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
0.043 (1.1)
22
0.025 (0.64)
1
561R1DF0Q10
12
0.051 (1.3)
561R1DF0Q12
N1500
22
± 5
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
0.043 (1.1)
22
0.025 (0.64)
1
561R1DF0Q22
47
0.071 (1.8)
561R1DF0Q47
56
0.055 (1.4)
561R1DF0Q56
68
0.059 (1.5)
561R1DF0Q68
82
0.047 (1.2)
561R1DF0Q82
N2200
33
± 10
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
0.043 (1.1)
22
0.025 (0.64)
1
561R1DF0Q33
N2000
100
± 10
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
0.059 (1.5)
22
0.025 (0.64)
1
561R1DF0T10
120
0.055 (1.4)
561R1DF0T12
150
0.043 (1.1)
561R1DF0T15
180
0.043 (1.1)
561R1DF0T18
N2500
220
± 10
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
0.059 (1.5)
22
0.025 (0.64)
1
561R1DF0T22
270
0.043 (1.1)
561R1DF0T27
N2800
330
± 10
0.250 (6.4)
0.156 (4.0)
0.250 (6.4)
0.047 (1.2)
22
0.025 (0.64)
1
561R1DF0T33
390
0.047 (1.2)
561R1DF0T39
470
0.290 (7.4)
0.059 (1.5)
561R1DF0T47
560
0.055 (1.4)
561R1DF0T56
680
0.047 (1.2)
561R1DF0T68
820
0.043 (1.1)
561R1DF0T82
1000
0.370 (9.4)
0.055 (1.4)
561R1DF0D10
1200
0.047 (1.2)
561R1DF0D12
1500
0.405 (10.3)
0.047 (1.2)
561R1DF0D15
1800
0.440 (11.2)
0.051 (1.3)
561R1DF0D18
2200
0.460 (11.7)
0.047 (1.2)
561R1DF0D22
2700
0.490 (12.4)
0.047 (1.2)
561R1DF0D27
3300
0.530 (13.5)
0.047 (1.2)
561R1DF0D33
3900
0.560 (14.2)
0.156 (4.0)
0.375 (9.5)
0.047 (1.2)
561R1DF0D39
4700
0.630 (16.0)
0.047 (1.2)
561R1DF0D47
5600
0.680 (17.3)
0.047 (1.2)
561R1DF0D56
6800
0.760 (19.3)
0.047 (1.2)
561R1DF0D68
T
max.
LS
LO
1.250 min.
(32)
0.187 (4.8)
Tinned Copper Leads
D
max.
Ø
Fig. 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com