Electronic Components Datasheet Search
  English  ▼

X  

564R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 564R
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R Datasheet(HTML) 3 Page - Vishay Siliconix

  564R Datasheet HTML 1Page - Vishay Siliconix 564R Datasheet HTML 2Page - Vishay Siliconix 564R Datasheet HTML 3Page - Vishay Siliconix 564R Datasheet HTML 4Page - Vishay Siliconix 564R Datasheet HTML 5Page - Vishay Siliconix 564R Datasheet HTML 6Page - Vishay Siliconix 564R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
561R and 564R Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
3
Document Number: 23115
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION, CERAMIC 2 kVDC LOW DISSIPATION FACTOR
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
FIG.
ORDERING
CODE
AWG
INCH (mm)
N1500
33
± 5
0.290 (7.4)
0.195 (5.0)
0.250 (6.4)
0.098 (2.5)
20
0.032 (0.81)
1
564R2DF0Q33
39
0.180 (4.6)
0.083 (2.1)
564R2DF0Q39
47
0.170 (4.3)
0.071 (1.8)
564R2DF0Q47
N2000
56
± 5
0.290 (7.4)
0.210 (5.3)
0.250 (6.4)
0.110 (2.8)
20
0.032 (0.81)
1
564R2DF0Q56
68
0.190 (4.8)
0.091 (2.3)
564R2DF0Q68
82
0.175 (4.5)
0.075 (1.9)
564R2DF0Q82
100
0.170 (4.3)
0.071 (1.8)
564R2DF0T10
N2500
120
± 10
0.290 (7.4)
0.185 (4.7)
0.250 (6.4)
0.087 (2.2)
20
0.032 (0.81)
1
564R2DF0T12
150
0.170 (4.3)
0.071 (1.8)
564R2DF0T15
180
0.185 (4.7)
0.071 (1.8)
564R2DF0T18
270
0.330 (8.4)
0.170 (4.3)
0.079 (2.0)
564R2DF0T27
470
0.400 (10.2)
0.170 (4.3)
0.075 (1.9)
564R2DF0T47
N2800
220
± 10
0.290 (7.4)
0.170 (4.3)
0.250 (6.4)
0.087 (2.2)
20
0.032 (0.81)
1
564R2DF0T22
330
0.330 (8.4)
0.185 (4.7)
0.083 (2.1)
564R2DF0T33
390
0.330 (8.4)
0.175 (4.5)
0.075 (1.9)
564R2DF0T39
560
0.400 (10.2)
0.185 (4.7)
0.087 (2.2)
564R2DF0T56
680
0.400 (10.2)
0.170 (4.3)
0.075 (1.9)
564R2DF0T68
820
0.430 (10.9)
0.175 (4.5)
0.075 (1.9)
564R2DF0T82
1000
0.460 (11.7)
0.170 (4.3)
0.075 (1.9)
564R2DF0D10
1500
0.530 (13.5)
0.071 (1.8)
564R2DF0D15
1800
0.560 (14.2)
0.170 (4.3)
0.375 (9.5)
0.071 (1.8)
564R2DF0D18
2200
0.680 (17.3)
0.180 (4.6)
0.083 (2.1)
564R2DF0D22
2300
0.175 (4.5)
0.079 (2.0)
564R2DF0D23
2400
0.175 (4.5)
0.075 (1.9)
564R2DF0D24
2700
0.170 (4.3)
0.071 (1.8)
564R2DF0D27
3300
0.720 (18.3)
0.071 (1.8)
564R2DF0D33
3900
0.790 (20.1)
0.075 (1.9)
564R2DF0D39
4700
0.900 (22.9)
0.180 (4.6)
0.083 (2.1)
564R2DF0D47
5600
0.900 (22.9)
0.170 (4.3)
0.075 (1.9)
564R2DF0D56
6800
0.950 (24.1)
0.170 (4.3)
0.071 (1.8)
564R2DF0D68



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com