Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 190 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 190 Page - Microchip Technology

Back Button DO20 Datasheet HTML 186Page - Microchip Technology DO20 Datasheet HTML 187Page - Microchip Technology DO20 Datasheet HTML 188Page - Microchip Technology DO20 Datasheet HTML 189Page - Microchip Technology DO20 Datasheet HTML 190Page - Microchip Technology DO20 Datasheet HTML 191Page - Microchip Technology DO20 Datasheet HTML 192Page - Microchip Technology DO20 Datasheet HTML 193Page - Microchip Technology DO20 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 190
 2016-2018 Microchip Technology Inc.
REGISTER 16-1:
CCPxCON1L: CCPx CONTROL 1 LOW REGISTERS
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CCPON
—
CCPSIDL
CCPSLP
TMRSYNC
CLKSEL2
CLKSEL1
CLKSEL0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TMRPS1
TMRPS0
T32
CCSEL
MOD3
MOD2
MOD1
MOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CCPON: CCPx Module Enable bit
1 = Module is enabled with an operating mode specified by the MOD<3:0> control bits
0 = Module is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
CCPSIDL: CCPx Stop in Idle Mode Bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
CCPSLP: CCPx Sleep Mode Enable bit
1 = Module continues to operate in Sleep modes
0 = Module does not operate in Sleep modes
bit 11
TMRSYNC: Time Base Clock Synchronization bit
1 = Module time base clock is synchronized to the internal system clocks; timing restrictions apply
0 = Module time base clock is not synchronized to the internal system clocks
bit 10-8
CLKSEL<2:0>: CCPx Time Base Clock Select bits
111 = TCKIA pin
110 = TCKIB pin
101 = PLL clock
100 = 2x peripheral clock
010 = SOSC clock
001 = Reference clock output
000 = System clock
For MCCP1:
011 = CLC1 output
For MCCP2:
011 = CLC2 output
bit 7-6
TMRPS<1:0>: Time Base Prescale Select bits
11 = 1:64 Prescaler
10 = 1:16 Prescaler
01 = 1:4 Prescaler
00 = 1:1 Prescaler
bit 5
T32: 32-Bit Time Base Select bit
1 = Uses 32-bit time base for timer, single edge output compare or input capture function
0 = Uses 16-bit time base for timer, single edge output compare or input capture function
bit 4
CCSEL: Capture/Compare Mode Select bit
1 = Input capture peripheral
0 = Output compare/PWM/timer peripheral (exact function is selected by the MOD<3:0> bits)
Note 1:
Center-Aligned PWM mode is only available on MCCP modules. This feature is disabled on SCCP modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com