Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 192 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 192 Page - Microchip Technology

Back Button DO20 Datasheet HTML 188Page - Microchip Technology DO20 Datasheet HTML 189Page - Microchip Technology DO20 Datasheet HTML 190Page - Microchip Technology DO20 Datasheet HTML 191Page - Microchip Technology DO20 Datasheet HTML 192Page - Microchip Technology DO20 Datasheet HTML 193Page - Microchip Technology DO20 Datasheet HTML 194Page - Microchip Technology DO20 Datasheet HTML 195Page - Microchip Technology DO20 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 192
 2016-2018 Microchip Technology Inc.
REGISTER 16-2:
CCPxCON1H: CCPx CONTROL 1 HIGH REGISTERS
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
OPSSRC(1)
RTRGEN(2)
—
—
OPS3(3)
OPS2(3)
OPS1(3)
OPS0(3)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TRIGEN
ONESHOT
ALTSYNC
SYNC4
SYNC3
SYNC2
SYNC1
SYNC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
OPSSRC: Output Postscaler Source Select bit(1)
1 = Output postscaler scales module trigger output events
0 = Output postscaler scales time base interrupt events
bit 14
RTRGEN: Retrigger Enable bit(2)
1 = Time base can be retriggered when the TRIGEN bit = 1
0 = Time base may not be retriggered when the TRIGEN bit = 1
bit 13-12
Unimplemented: Read as ‘0’
bit 11-8
OPS3<3:0>: CCPx Interrupt Output Postscale Select bits(3)
1111 = Interrupt every 16th time base period match
1110 = Interrupt every 15th time base period match
. . .
0100 = Interrupt every 5th time base period match
0011 = Interrupt every 4th time base period match or 4th input capture event
0010 = Interrupt every 3rd time base period match or 3rd input capture event
0001 = Interrupt every 2nd time base period match or 2nd input capture event
0000 = Interrupt after each time base period match or input capture event
bit 7
TRIGEN: CCPx Trigger Enable bit
1 = Trigger operation of time base is enabled
0 = Trigger operation of time base is disabled
bit 6
ONESHOT: One-Shot Mode Enable bit
1 = One-Shot Trigger mode is enabled; Trigger mode duration is set by OSCNT<2:0>
0 = One-Shot Trigger mode is disabled
bit 5
ALTSYNC: CCPx Clock Select bit
1 = An alternate signal is used as the module synchronization output signal
0 = The module synchronization output signal is the Time Base Reset/rollover event
bit 4-0
SYNC<4:0>: CCPx Synchronization Source Select bits
See Table 16-5 for the definition of inputs.
Note 1:
This control bit has no function in Input Capture modes.
2:
This control bit has no function when TRIGEN = 0.
3:
Output postscale settings, from 1:5 to 1:16 (0100-1111), will result in a FIFO buffer overflow for
Input Capture modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com