Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 224 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 224 Page - Microchip Technology

Back Button DO20 Datasheet HTML 220Page - Microchip Technology DO20 Datasheet HTML 221Page - Microchip Technology DO20 Datasheet HTML 222Page - Microchip Technology DO20 Datasheet HTML 223Page - Microchip Technology DO20 Datasheet HTML 224Page - Microchip Technology DO20 Datasheet HTML 225Page - Microchip Technology DO20 Datasheet HTML 226Page - Microchip Technology DO20 Datasheet HTML 227Page - Microchip Technology DO20 Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 224
 2016-2018 Microchip Technology Inc.
REGISTER 18-1:
I2CxCONL: I2Cx CONTROL REGISTER LOW
R/W-0
U-0
HC/R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
I2CEN
—
I2CSIDL
SCLREL(1)
STRICT
A10M
DISSLW
SMEN
bit 15
bit 8
R/W-0
R/W-0
R/W-0
HC/R/W-0
HC/R/W-0
HC/R/W-0
HC/R/W-0
HC/R/W-0
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
I2CEN: I2Cx Enable bit (writable from software only)
1 = Enables the I2Cx module and configures the SDAx and SCLx pins as serial port pins
0 = Disables the I2Cx module; all I2C pins are controlled by port functions
bit 14
Unimplemented: Read as ‘0’
bit 13
I2CSIDL: I2Cx Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
SCLREL: SCLx Release Control bit (I2C Slave mode only)(1)
Module resets and (I2CEN = 0) sets SCLREL = 1.
If STREN = 0:(2)
1 = Releases clock
0 = Forces clock low (clock stretch)
If STREN = 1:
1 = Releases clock
0 = Holds clock low (clock stretch); user may program this bit to ‘0’, clock stretch at next SCLx low
bit 11
STRICT: I2Cx Strict Reserved Address Rule Enable bit
1 = Strict reserved addressing is enforced (for reserved addresses, refer to Table 18-2)
In Slave Mode: The device doesn’t respond to reserved address space and addresses falling in
that category are NACKed.
In Master Mode: The device is allowed to generate addresses with reserved address space.
0 = Reserved addressing would be Acknowledged
In Slave Mode: The device will respond to an address falling in the reserved address space. When
there is a match with any of the reserved addresses, the device will generate an ACK.
In Master Mode: Reserved.
bit 10
A10M: 10-Bit Slave Address Flag bit
1 = I2CxADD is a 10-bit slave address
0 = I2CxADD is a 7-bit slave address
bit 9
DISSLW: Slew Rate Control Disable bit
1 = Slew rate control is disabled for Standard Speed mode (100 kHz, also disabled for 1 MHz mode)
0 = Slew rate control is enabled for High-Speed mode (400 kHz)
Note 1:
Automatically cleared to ‘0’ at the beginning of slave transmission; automatically cleared to ‘0’ at the end
of slave reception. The user software must provide a delay between writing to the transmit buffer and set-
ting the SCLREL bit. This delay must be greater than the minimum setup time for slave transmissions, as
specified in Section 32.0 “Electrical Characteristics”.
2:
Automatically cleared to ‘0’ at the beginning of slave transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com