Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 226 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 226 Page - Microchip Technology

Back Button DO20 Datasheet HTML 222Page - Microchip Technology DO20 Datasheet HTML 223Page - Microchip Technology DO20 Datasheet HTML 224Page - Microchip Technology DO20 Datasheet HTML 225Page - Microchip Technology DO20 Datasheet HTML 226Page - Microchip Technology DO20 Datasheet HTML 227Page - Microchip Technology DO20 Datasheet HTML 228Page - Microchip Technology DO20 Datasheet HTML 229Page - Microchip Technology DO20 Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 226
 2016-2018 Microchip Technology Inc.
REGISTER 18-2:
I2CxCONH: I2Cx CONTROL REGISTER HIGH
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
PCIE
SCIE
BOEN
SDAHT(1)
SBCDE
AHEN
DHEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
Unimplemented: Read as ‘0’
bit 6
PCIE: Stop Condition Interrupt Enable bit (I2C Slave mode only)
1 = Enables interrupt on detection of Stop condition
0 = Stop detection interrupts are disabled
bit 5
SCIE: Start Condition Interrupt Enable bit (I2C Slave mode only)
1 = Enables interrupt on detection of Start or Restart conditions
0 = Start detection interrupts are disabled
bit 4
BOEN: Buffer Overwrite Enable bit (I2C Slave mode only)
1 = I2CxRCV is updated and an ACK is generated for a received address/data byte, ignoring the state
of the I2COV bit only if RBF bit = 0
0 = I2CxRCV is only updated when I2COV is clear
bit 3
SDAHT: SDAx Hold Time Selection bit(1)
1 = Minimum of 300 ns hold time on SDAx after the falling edge of SCLx
0 = Minimum of 100 ns hold time on SDAx after the falling edge of SCLx
bit 2
SBCDE: Slave Mode Bus Collision Detect Enable bit (I2C Slave mode only)
If, on the rising edge of SCLx, SDAx is sampled low when the module is outputting a high state, the
BCL bit is set and the bus goes Idle. This Detection mode is only valid during data and ACK transmit
sequences.
1 = Enables slave bus collision interrupts
0 = Slave bus collision interrupts are disabled
bit 1
AHEN: Address Hold Enable bit (I2C Slave mode only)
1 = Following the 8th falling edge of SCLx for a matching received address byte; SCLREL bit
(I2CxCONL<12>) will be cleared and SCLx will be held low
0 = Address holding is disabled
bit 0
DHEN: Data Hold Enable bit (I2C Slave mode only)
1 = Following the 8th falling edge of SCLx for a received data byte; slave hardware clears the SCLREL
bit (I2CxCONL<12>) and SCLx is held low
0 = Data holding is disabled
Note 1:
This bit must be set to ‘0’ for 1 MHz operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com