Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 253 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 253 Page - Microchip Technology

Back Button DO20 Datasheet HTML 249Page - Microchip Technology DO20 Datasheet HTML 250Page - Microchip Technology DO20 Datasheet HTML 251Page - Microchip Technology DO20 Datasheet HTML 252Page - Microchip Technology DO20 Datasheet HTML 253Page - Microchip Technology DO20 Datasheet HTML 254Page - Microchip Technology DO20 Datasheet HTML 255Page - Microchip Technology DO20 Datasheet HTML 256Page - Microchip Technology DO20 Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 253
PIC24FJ256GA705 FAMILY
21.2
RTCC Module Registers
The RTCC module registers are organized into four
categories:
• RTCC Control Registers
• RTCC Value Registers
• Alarm Value Registers
• Timestamp Registers
21.2.1
REGISTER MAPPING
Previous RTCC implementations used a Register
Pointer to access the RTCC Time and Date registers,
as well as the Alarm Time and Date registers. These
Registers are now mapped to memory and are
individually addressable.
21.2.2
WRITE LOCK
To prevent spurious changes to the Time Control
or Time
Value
registers,
the
WRLOCK
bit
(RTCCON1L1<11>) must be cleared (‘0’). The POR
default state is when the WRLOCK bit is ‘0’ and is
cleared on any device Reset (POR, BOR, MCLR). It is
recommended that the WRLOCK bit be set to ‘1’ after
the Date and Time registers are properly initialized, and
after the RTCEN bit (RTCCON1L<15>) has been set.
Any attempt to write to the RTCEN bit, the RTCCON2L/H
registers, or the Date or Time registers, will be ignored
as long as WRLOCK is ‘1’. The Alarm, Power Control
and Timestamp registers can be changed when
WRLOCK is ‘1’.
Clearing the WRLOCK bit requires an unlock sequence
after it has been written to a ‘1’, writing two bytes
consecutively to the NVMKEY register. A sample
assembly sequence is shown in Example 21-1. If
WRLOCK is already cleared, it can be set to ‘1’ without
using the unlock sequence.
21.2.3
SELECTING RTCC CLOCK SOURCE
The clock source for the RTCC module can be selected
using the CLKSEL<1:0> bits in the RTCCON2L
register. When the bits are set to ‘00’, the Secondary
Oscillator (SOSC) is used as the reference clock and
when the bits are ‘01’, LPRC is used as the reference
clock. When CLKSEL<1:0> = 10, the external power-
line (50 Hz and 60 Hz) is used as the clock source.
When CLKSEL<1:0> = 11, the system clock is used as
the clock source.
EXAMPLE 21-1:
SETTING THE WRLOCK BIT
Note:
To avoid accidental writes to the timer, it is
recommended that the WRLOCK bit
(RTCCON1L<11>) is kept clear at any
other time. For the WRLOCK bit to be set,
there is only one instruction cycle time
window allowed between the 55h/AA
sequence and the setting of WRLOCK;
therefore, it is recommended that code
follow the procedure in Example 21-1.
DISI
#6
;disable interrupts for 6 instructions
MOV
#NVKEY, W1
MOV
#0x55, W2
; first unlock code
MOV
W2, [W1]
; write first unlock code
MOV
#0xAA, W3
; second unlock sequence
MOV
W3, [W1]
; write second unlock sequence
BCLR
RTCCON1L, #WRLOCK
; clear the WRLOCK bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com