Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 254 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 254 Page - Microchip Technology

Back Button DO20 Datasheet HTML 250Page - Microchip Technology DO20 Datasheet HTML 251Page - Microchip Technology DO20 Datasheet HTML 252Page - Microchip Technology DO20 Datasheet HTML 253Page - Microchip Technology DO20 Datasheet HTML 254Page - Microchip Technology DO20 Datasheet HTML 255Page - Microchip Technology DO20 Datasheet HTML 256Page - Microchip Technology DO20 Datasheet HTML 257Page - Microchip Technology DO20 Datasheet HTML 258Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 254
 2016-2018 Microchip Technology Inc.
21.3
Registers
21.3.1
RTCC CONTROL REGISTERS
REGISTER 21-1:
RTCCON1L: RTCC CONTROL REGISTER 1 (LOW)
R/W-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
RTCEN
—
—
—
WRLOCK
PWCEN
PWCPOL
PWCPOE
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
R/W-0
RTCOE
OUTSEL2
OUTSEL1
OUTSEL0
—
—
—
TSAEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
RTCEN: RTCC Enable bit
1 = RTCC is enabled and counts from selected clock source
0 = RTCC is not enabled
bit 14-12
Unimplemented: Read as ‘0’
bit 11
WRLOCK: RTCC Register Write Lock
1 = RTCC registers are locked
0 = RTCC registers may be written to by user
bit 10
PWCEN: Power Control Enable bit
1 = Power control is enabled
0 = Power control is disabled
bit 9
PWCPOL: Power Control Polarity bit
1 = Power control output is active-high
0 = Power control output is active-low
bit 8
PWCPOE: Power Control Output Enable bit
1 = Power control output pin is enabled
0 = Power control output pin is disabled
bit 7
RTCOE: RTCC Output Enable bit
1 = RTCC output is enabled
0 = RTCC output is disabled
bit 6-4
OUTSEL<2:0>: RTCC Output Signal Selection bits
111 = Unused
110 = Unused
101 = Unused
100 = Timestamp A event
011 = Power control
010 = RTCC input clock
001 = Second clock
000 = Alarm event
bit 3-1
Unimplemented: Read as ‘0’
bit 0
TSAEN: Timestamp A Enable bit
1 = Timestamp event will occur when a low pulse is detected on the TMPRN pin
0 = Timestamp is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com