Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 359 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 359 Page - Microchip Technology

Back Button DO20 Datasheet HTML 355Page - Microchip Technology DO20 Datasheet HTML 356Page - Microchip Technology DO20 Datasheet HTML 357Page - Microchip Technology DO20 Datasheet HTML 358Page - Microchip Technology DO20 Datasheet HTML 359Page - Microchip Technology DO20 Datasheet HTML 360Page - Microchip Technology DO20 Datasheet HTML 361Page - Microchip Technology DO20 Datasheet HTML 362Page - Microchip Technology DO20 Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 359
PIC24FJ256GA705 FAMILY
TABLE 32-3:
DC CHARACTERISTICS: TEMPERATURE AND VOLTAGE SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
Operating Voltage
DC10
VDD
Supply Voltage
2.0
—
3.6
V
BOR is disabled
VBOR
—
3.6
V
BOR is enabled
DC12
VDR
RAM Data Retention
Voltage(1)
Greater of:
VPORREL or
VBOR
——
V
VBOR is used only if BOR
is enabled (BOREN = 1)
DC16
VPOR
VDD Start Voltage
to Ensure Internal
Power-on Reset Signal
VSS
——
V
(Note 2)
DC17A SVDD
Recommended
VDD Rise Rate
to Ensure Internal
Power-on Reset Signal
1V/20 ms
—
1V/10 µS
sec
(Note 2, Note 4)
DC17B VBOR
Brown-out Reset
Voltage on VDD
Transition, High-to-Low
2.0
2.1
2.2
V
(Note 3)
Note 1: This is the limit to which VDD may be lowered and the RAM contents will always be retained.
2: If the VPOR or SVDD parameters are not met, or the application experiences slow power-down VDD ramp
rates, it is recommended to enable and use BOR.
3: On a rising VDD power-up sequence, application firmware execution begins at the higher of the VPORREL or
VBOR level (when BOREN = 1).
4: VDD rise times outside this window may not internally reset the processor and are not parametrically
tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com