Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 362 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 362 Page - Microchip Technology

Back Button DO20 Datasheet HTML 358Page - Microchip Technology DO20 Datasheet HTML 359Page - Microchip Technology DO20 Datasheet HTML 360Page - Microchip Technology DO20 Datasheet HTML 361Page - Microchip Technology DO20 Datasheet HTML 362Page - Microchip Technology DO20 Datasheet HTML 363Page - Microchip Technology DO20 Datasheet HTML 364Page - Microchip Technology DO20 Datasheet HTML 365Page - Microchip Technology DO20 Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 362
 2016-2018 Microchip Technology Inc.
TABLE 32-5:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Parameter
No.
Typical(1)
Max
Units
Operating
Temperature
VDD
Conditions
Idle Current (IIDLE)(2)
DC40d
95
400
µA
-40°C
2.0V
1 MIPS,
FOSC = 2 MHz
DC40a
95
400
µA
+25°C
DC40b
95
400
µA
+85°C
DC40c
167
400
µA
+125°C
DC40d
105
400
µA
-40°C
3.3V
DC40a
105
400
µA
+25°C
DC40b
105
400
µA
+85°C
DC40c
181
400
µA
+125°C
DC43d
290
1200
µA
-40°C
2.0V
4 MIPS,
FOSC = 8 MHz
DC43a
290
1200
µA
+25°C
DC43b
290
1200
µA
+85°C
DC43c
368
1200
µA
+125°C
DC43d
315
1200
µA
-40°C
3.3V
DC43a
315
1200
µA
+25°C
DC43b
315
1200
µA
+85°C
DC43c
398
1200
µA
+125°C
DC47d
1.05
3.7
mA
-40°C
2.0V
16 MIPS,
FOSC = 32 MHz
DC47a
1.05
3.7
mA
+25°C
DC47b
1.05
3.7
mA
+85°C
DC47c
1.16
3.7
mA
+125°C
DC47d
1.16
3.7
mA
-40°C
3.3V
DC47a
1.16
3.7
mA
+25°C
DC47b
1.16
3.7
mA
+85°C
DC47c
1.26
3.7
mA
+125°C
DC50d
350
1100
µA
-40°C
2.0V
FRC (4 MIPS),
FOSC = 8 MHz
DC50a
350
1100
µA
+25°C
DC50b
350
1100
µA
+85°C
DC50c
404
1100
µA
+125°C
DC50d
360
1100
µA
-40°C
3.3V
DC50a
360
1100
µA
+25°C
DC50b
360
1100
µA
+85°C
DC50c
413
1100
µA
+125°C
Note 1:
Data in the “Typical” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design
guidance only and are not tested.
2:
Base IIDLE current is measured with the core off, the clock on and all modules turned off. Peripheral
Module Disable SFR registers are all ‘1’s. All I/O pins are configured as outputs and driven low. JTAG
interface is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com