Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 107 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 107 Page - Microchip Technology

Back Button DO20 Datasheet HTML 103Page - Microchip Technology DO20 Datasheet HTML 104Page - Microchip Technology DO20 Datasheet HTML 105Page - Microchip Technology DO20 Datasheet HTML 106Page - Microchip Technology DO20 Datasheet HTML 107Page - Microchip Technology DO20 Datasheet HTML 108Page - Microchip Technology DO20 Datasheet HTML 109Page - Microchip Technology DO20 Datasheet HTML 110Page - Microchip Technology DO20 Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 107
PIC24FJ256GA705 FAMILY
A recommended code sequence for a clock switch
includes the following:
1.
Disable interrupts during the OSCCON register
unlock and write sequence.
2.
Execute the unlock sequence for the OSCCON
high byte by writing 78h and 9Ah to
OSCCON<15:8> in two back-to-back instructions.
3.
Write the new oscillator source to the NOSCx
bits in the instruction immediately following the
unlock sequence.
4.
Execute the unlock sequence for the OSCCON
low byte by writing 46h and 57h to OSCCON<7:0>
in two back-to-back instructions.
5.
Set the OSWEN bit in the instruction immediately
following the unlock sequence.
6.
Continue to execute code that is not clock-sensitive
(optional).
7.
Invoke an appropriate amount of software delay
(cycle counting) to allow the selected oscillator
and/or PLL to start and stabilize.
8.
Check to see if OSWEN is ‘0’. If it is, the switch
was successful. If OSWEN is still set, then
check the LOCK bit to determine the cause of
the failure.
The core sequence for unlocking the OSCCON register
and initiating a clock switch is shown in Example 9-1.
EXAMPLE 9-1:
BASIC CODE SEQUENCE
FOR CLOCK SWITCHING
;Place the new oscillator selection in W0
;OSCCONH (high byte) Unlock Sequence
MOV
#OSCCONH, w1
MOV
#0x78, w2
MOV
#0x9A, w3
MOV.b
w2, [w1]
MOV.b
w3, [w1]
;Set new oscillator selection
MOV.b
WREG, OSCCONH
;OSCCONL (low byte) unlock sequence
MOV
#OSCCONL, w1
MOV
#0x46, w2
MOV
#0x57, w3
MOV.b
w2, [w1]
MOV.b
w3, [w1]
;Start oscillator switch operation
BSET
OSCCON, #0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com