Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 110 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 110 Page - Microchip Technology

Back Button DO20 Datasheet HTML 106Page - Microchip Technology DO20 Datasheet HTML 107Page - Microchip Technology DO20 Datasheet HTML 108Page - Microchip Technology DO20 Datasheet HTML 109Page - Microchip Technology DO20 Datasheet HTML 110Page - Microchip Technology DO20 Datasheet HTML 111Page - Microchip Technology DO20 Datasheet HTML 112Page - Microchip Technology DO20 Datasheet HTML 113Page - Microchip Technology DO20 Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 110
 2016-2018 Microchip Technology Inc.
REGISTER 9-6:
REFOCONL: REFERENCE OSCILLATOR CONTROL REGISTER LOW
R/W-0
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R-0
ROEN
—
ROSIDL
ROOUT
ROSLP
—
ROSWEN
ROACTIVE
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
ROSEL3
ROSEL2
ROSEL1
ROSEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROEN: Reference Oscillator Output Enable bit
1 = Reference Oscillator module is enabled
0 = Reference Oscillator is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
ROSIDL: REFO Stop in Idle Mode bit
1 = Discontinues module operation when device enters Idle mode
0 = Continues module operation in Idle mode
bit 12
ROOUT: Reference Clock Output Enable bit
1 = Reference clock is driven out on the REFO pin
0 = Reference clock is not driven out on the REFO pin
bit 11
ROSLP: Reference Oscillator Output Stop in Sleep bit
1 = Reference Oscillator continues to run in Sleep
0 = Reference Oscillator is disabled in Sleep
bit 10
Unimplemented: Read as ‘0’
bit 9
ROSWEN: Reference Clock RODIVx Switch Enable bit
1 = Switch clock divider; clock divider switching is currently in progress
0 = Clock divider switch has been completed
bit 8
ROACTIVE: Reference Clock Request Status bit
1 = Reference clock is active (user should not change the REFO settings)
0 = Reference clock is inactive (user can update the REFO settings)
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
ROSEL<3:0>: Reference Clock Source Select bits
1111-1001 = Reserved
1000 = REFI pin
0111 = Reserved
0110 = PLL
0101 = SOSC
0100 = LPRC
0011 = FRC
0010 = POSC
0001 = System clock (FOSC/2)
0000 = FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com