Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 134 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 134 Page - Microchip Technology

Back Button DO20 Datasheet HTML 130Page - Microchip Technology DO20 Datasheet HTML 131Page - Microchip Technology DO20 Datasheet HTML 132Page - Microchip Technology DO20 Datasheet HTML 133Page - Microchip Technology DO20 Datasheet HTML 134Page - Microchip Technology DO20 Datasheet HTML 135Page - Microchip Technology DO20 Datasheet HTML 136Page - Microchip Technology DO20 Datasheet HTML 137Page - Microchip Technology DO20 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 134
 2016-2018 Microchip Technology Inc.
REGISTER 11-10: IOCFx: INTERRUPT-ON-CHANGE FLAG x REGISTER(1,2)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
IOCFx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IOCFx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
IOCFx<15:0>: Interrupt-on-Change Flag x bits
1 = An enabled change was detected on the associated pin; set when IOCPx = 1 and a positive edge was
detected on the IOCx pin, or when IOCNx = 1 and a negative edge was detected on the IOCx pin
0 = No change was detected or the user cleared the detected change
Note 1:
It is not possible to set the IOCFx register bits with software writes (as this would require the addition of
significant logic). To test IOC interrupts, it is recommended to enable the IOC functionality on one or more
GPIO pins and then use the corresponding LATx register bit(s) to trigger an IOC interrupt.
2:
See Table 11-3, Table 11-4 and Table 11-5 for individual bit availability in this register.
REGISTER 11-11: IOCPUx: INTERRUPT-ON-CHANGE PULL-UP ENABLE x REGISTER(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
IOCPUx<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IOCPUx<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
IOCPUx<15:0>: Interrupt-on-Change Pull-up Enable x bits
1 = Pull-up is enabled
0 = Pull-up is disabled
Note 1:
See Table 11-3, Table 11-4 and Table 11-5 for individual bit availability in this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com