Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 136 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 136 Page - Microchip Technology

Back Button DO20 Datasheet HTML 132Page - Microchip Technology DO20 Datasheet HTML 133Page - Microchip Technology DO20 Datasheet HTML 134Page - Microchip Technology DO20 Datasheet HTML 135Page - Microchip Technology DO20 Datasheet HTML 136Page - Microchip Technology DO20 Datasheet HTML 137Page - Microchip Technology DO20 Datasheet HTML 138Page - Microchip Technology DO20 Datasheet HTML 139Page - Microchip Technology DO20 Datasheet HTML 140Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 136
 2016-2018 Microchip Technology Inc.
11.5
Peripheral Pin Select (PPS)
A major challenge in general purpose devices is provid-
ing the largest possible set of peripheral features while
minimizing the conflict of features on I/O pins. In an
application that needs to use more than one peripheral
multiplexed on a single pin, inconvenient work arounds
in application code, or a complete redesign, may be the
only option.
The Peripheral Pin Select (PPS) feature provides an
alternative to these choices by enabling the user’s
peripheral set selection and its placement on a wide
range of I/O pins. By increasing the pinout options
available on a particular device, users can better tailor
the microcontroller to their entire application, rather
than trimming the application to fit the device.
The Peripheral Pin Select feature operates over a fixed
subset of digital I/O pins. Users may independently
map the input and/or output of any one of many digital
peripherals to any one of these I/O pins. PPS is per-
formed in software and generally does not require the
device to be reprogrammed. Hardware safeguards are
included that prevent accidental or spurious changes to
the peripheral mapping once it has been established.
11.5.1
AVAILABLE PINS
The PPS feature is used with a range of up to 44 pins,
depending on the particular device and its pin count.
Pins that support the Peripheral Pin Select feature
include the designation, “RPn” or “RPIn”, in their full pin
designation, where “n” is the remappable pin number.
“RP” is used to designate pins that support both remap-
pable input and output functions, while “RPI” indicates
pins that support remappable input functions only.
PIC24FJ256GA705 family devices support a larger
number of remappable input/output pins than remap-
pable input only pins. In this device family, there are up
to 33 remappable input/output pins, depending on the
pin count of the particular device selected. These pins
are numbered, RP0 through RP28 and RPI29 through
RPI32.
See Table 1-1 for a summary of pinout options in each
package offering.
11.5.2
AVAILABLE PERIPHERALS
The peripherals managed by the PPS are all digital
only peripherals. These include general serial commu-
nications (UART and SPI), general purpose timer clock
inputs, timer related peripherals (input capture and out-
put compare) and external interrupt inputs. Also
included are the outputs of the comparator module,
since these are discrete digital signals.
PPS is not available for these peripherals:
•I2C (input and output)
• Input Change Notifications
• EPMP Signals (input and output)
• Analog (inputs and outputs)
•INT0
A key difference between pin select and non-pin select
peripherals is that pin select peripherals are not asso-
ciated with a default I/O pin. The peripheral must
always be assigned to a specific I/O pin before it can be
used. In contrast, non-pin select peripherals are always
available on a default pin, assuming that the peripheral
is active and not conflicting with another peripheral.
11.5.2.1
Peripheral Pin Select Function
Priority
Pin-selectable peripheral outputs (e.g., output com-
pare, UART transmit) will take priority over general
purpose digital functions on a pin, such as EPMP and
port I/O. Specialized digital outputs will take priority
over PPS outputs on the same pin. The pin diagrams
list peripheral outputs in the order of priority. Refer to
them for priority concerns on a particular pin.
Unlike PIC24F devices with fixed peripherals, pin-
selectable peripheral inputs will never take ownership
of a pin. The pin’s output buffer will be controlled by the
TRISx setting or by a fixed peripheral on the pin. If the
pin is configured in Digital mode, then the PPS input will
operate correctly. If an analog function is enabled on
the pin, the PPS input will be disabled.
11.5.3
CONTROLLING PERIPHERAL PIN
SELECT
PPS features are controlled through two sets of Special
Function Registers (SFRs): one to map peripheral
inputs and one to map outputs. Because they are
separately controlled, a particular peripheral’s input
and output (if the peripheral has both) can be placed on
any selectable function pin without constraint.
The association of a peripheral to a peripheral-selectable
pin is handled in two different ways, depending on if an
input or an output is being mapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com