Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 165 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 165 Page - Microchip Technology

Back Button DO20 Datasheet HTML 161Page - Microchip Technology DO20 Datasheet HTML 162Page - Microchip Technology DO20 Datasheet HTML 163Page - Microchip Technology DO20 Datasheet HTML 164Page - Microchip Technology DO20 Datasheet HTML 165Page - Microchip Technology DO20 Datasheet HTML 166Page - Microchip Technology DO20 Datasheet HTML 167Page - Microchip Technology DO20 Datasheet HTML 168Page - Microchip Technology DO20 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 165
PIC24FJ256GA705 FAMILY
bit 3
T32: 32-Bit Timer Mode Select bit(3)
1 = Timerx and Timery form a single 32-bit timer
0 = Timerx and Timery act as two 16-bit timers
In 32-bit mode, T3CON control bits do not affect 32-bit timer operation.
bit 2
Unimplemented: Read as ‘0’
bit 1
TCS: Timerx Clock Source Select bit(2)
1 = Timer source is selected by TECS<1:0>
0 = Internal clock (FOSC/2)
bit 0
Unimplemented: Read as ‘0’
REGISTER 13-1:
TxCON: TIMER2 CONTROL REGISTER(1) (CONTINUED)
Note 1:
Changing the value of TxCON while the timer is running (TON = 1) causes the timer prescale counter to
reset and is not recommended.
2:
If TCS = 1 and TECS<1:0> = x1, the selected external timer input (TxCK or TyCK) must be configured to
an available RPn/RPIn pin. For more information, see Section 11.5 “Peripheral Pin Select (PPS)”.
3:
In 32-bit mode, the T3CON control bits do not affect 32-bit timer operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com