Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 167 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 167 Page - Microchip Technology

Back Button DO20 Datasheet HTML 163Page - Microchip Technology DO20 Datasheet HTML 164Page - Microchip Technology DO20 Datasheet HTML 165Page - Microchip Technology DO20 Datasheet HTML 166Page - Microchip Technology DO20 Datasheet HTML 167Page - Microchip Technology DO20 Datasheet HTML 168Page - Microchip Technology DO20 Datasheet HTML 169Page - Microchip Technology DO20 Datasheet HTML 170Page - Microchip Technology DO20 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 167
PIC24FJ256GA705 FAMILY
14.0 INPUT CAPTURE WITH
DEDICATED TIMERS
Devices in the PIC24FJ256GA705 family contain three
independent input capture modules. Each of the
modules offers a wide range of configuration and
operating options for capturing external pulse events
and generating interrupts.
Key features of the input capture module include:
• Hardware-Configurable for 32-Bit Operation in
All modes by Cascading Two Adjacent modules
• Synchronous and Trigger modes of Output
Compare Operation with up to 31 User-Selectable
Sync/Trigger Sources Available
• A 4-Level FIFO Buffer for Capturing and Holding
Timer Values for Several Events
• Configurable Interrupt Generation
• Up to Six Clock Sources Available for Each module,
Driving a Separate Internal 16-Bit Counter
The module is controlled through two registers: ICxCON1
(Register 14-1) and ICxCON2 (Register 14-2). A general
block diagram of the module is shown in Figure 14-1.
14.1
General Operating Modes
14.1.1
SYNCHRONOUS AND TRIGGER
MODES
When the input capture module operates in a Free-
Running mode, the internal 16-bit counter, ICxTMR,
counts up continuously, wrapping around from FFFFh
to 0000h on each overflow. Its period is synchronized
to the selected external clock source. When a capture
event occurs, the current 16-bit value of the internal
counter is written to the FIFO buffer.
In Synchronous mode, the module begins capturing
events on the ICx pin as soon as its selected clock
source is enabled. Whenever an event occurs on the
selected Sync source, the internal counter is reset. In
Trigger mode, the module waits for a Sync event from
another internal module to occur before allowing the
internal counter to run.
Standard, free-running operation is selected by setting
the SYNCSEL<4:0> bits (ICxCON2<4:0>) to ‘00000’
and clearing the ICTRIG bit (ICxCON2<7>). Synchro-
nous and Trigger modes are selected any time the
SYNCSELx bits are set to any value except ‘00000’.
The ICTRIG bit selects either Synchronous or Trigger
mode; setting the bit selects Trigger mode operation. In
both modes, the SYNCSELx bits determine the Sync/
Trigger source.
When the SYNCSELx bits are set to ‘00000’ and
ICTRIG is set, the module operates in Software Trigger
mode. In this case, capture operations are started by
manually setting the TRIGSTAT bit (ICxCON2<6>).
FIGURE 14-1:
INPUT CAPTURE x BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is
not intended to be a comprehensive
reference source. For more information,
refer to the “dsPIC33/PIC24 Family Refer-
ence Manual”, ”Input Capture with
Dedicated Timer” (DS70000352), which
is available from the Microchip website
(www.microchip.com). The information
in this data sheet supersedes the
information in the FRM.
Note 1:
The ICx input must be assigned to an available RPn/RPIn pin before use. See Section 11.5 “Peripheral Pin
Select (PPS)” for more information.
ICxBUF
4-Level FIFO Buffer
ICx Pin(1)
ICM<2:0>
Set ICxIF
Edge Detect Logic
ICI<1:0>
ICOV, ICBNE
System Bus
Prescaler
Counter
1:1/4/16
and
Clock Synchronizer
Clock
Select
ICx Clock
Sources
Sync and
ICTSEL<2:0>
SYNCSEL<4:0>
Trigger
16
16
16
Increment
Reset
Sync and
Trigger
Logic
Trigger Sources
ICxTMR
Interrupt
Logic
Event and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com