Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 173 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 173 Page - Microchip Technology

Back Button DO20 Datasheet HTML 169Page - Microchip Technology DO20 Datasheet HTML 170Page - Microchip Technology DO20 Datasheet HTML 171Page - Microchip Technology DO20 Datasheet HTML 172Page - Microchip Technology DO20 Datasheet HTML 173Page - Microchip Technology DO20 Datasheet HTML 174Page - Microchip Technology DO20 Datasheet HTML 175Page - Microchip Technology DO20 Datasheet HTML 176Page - Microchip Technology DO20 Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 173
PIC24FJ256GA705 FAMILY
15.0 OUTPUT COMPARE WITH
DEDICATED TIMERS
All devices in the PIC24FJ256GA705 family feature
three independent output compare modules. Each of
these modules offers a wide range of configuration and
operating options for generating pulse trains on internal
device events, and can produce Pulse-Width Modulated
(PWM) waveforms for driving power applications.
Key features of the output compare module include:
• Hardware-Configurable for 32-Bit Operation in
All modes by Cascading Two Adjacent modules
• Synchronous and Trigger modes of Output
Compare Operation with up to 31 User-Selectable
Sync/Trigger Sources Available
• Two Separate Period registers (a main register,
OCxR, and a secondary register, OCxRS) for
Greater Flexibility in Generating Pulses of
Varying Widths
• Configurable for Single Pulse or Continuous
Pulse Generation on an Output Event, or
Continuous PWM Waveform Generation
• Up to Six Clock Sources Available for Each module,
Driving a Separate Internal 16-Bit Counter
15.1
General Operating Modes
15.1.1
SYNCHRONOUS AND TRIGGER
MODES
When the output compare module operates in a Free-
Running mode, the internal 16-bit counter, OCxTMR,
runs counts up continuously, wrapping around from
0xFFFF to 0x0000 on each overflow. Its period is
synchronized to the selected external clock source.
Compare or PWM events are generated each time a
match between the internal counter and one of the
Period registers occurs.
In Synchronous mode, the module begins performing
its compare or PWM operation as soon as its selected
clock source is enabled. Whenever an event occurs on
the selected Sync source, the module’s internal
counter is reset. In Trigger mode, the module waits for
a Sync event from another internal module to occur
before allowing the counter to run.
Free-Running mode is selected by default or any time
that the SYNCSEL<4:0> bits (OCxCON2<4:0>) are set
to ‘00000’. Synchronous or Trigger modes are selected
any time the SYNCSELx bits are set to any value except
‘00000’. The OCTRIG bit (OCxCON2<7>) selects either
Synchronous or Trigger mode; setting the bit selects
Trigger mode operation. In both modes, the SYNCSELx
bits determine the Sync/Trigger source.
15.1.2
CASCADED (32-BIT) MODE
By default, each module operates independently with
its own set of 16-Bit Timer and Duty Cycle registers. To
increase resolution, adjacent even and odd modules
can be configured to function as a single 32-bit module.
(For example, Modules 1 and 2 are paired, as are
Modules 3 and 4, and so on.) The odd numbered
module (OCx) provides the Least Significant 16 bits of
the 32-bit register pairs and the even numbered
module (OCy) provides the Most Significant 16 bits.
Wrap-arounds of the OCx registers cause an increment
of their corresponding OCy registers.
Cascaded operation is configured in hardware by set-
ting the OC32 bit (OCxCON2<8>) for both modules.
For more details on cascading, refer to the “dsPIC33/
PIC24 Family Reference Manual”, “Output Compare
with Dedicated Timer” (DS70005159).
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”,
“Output
Compare
with
Dedicated Timer” (DS70005159), which
is available from the Microchip website
(www.microchip.com). The information
in this data sheet supersedes the
information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com