Electronic Components Datasheet Search
  English  ▼

X  

DO20 Datasheet(PDF) 175 Page - Microchip Technology

Part # DO20
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DO20 Datasheet(HTML) 175 Page - Microchip Technology

Back Button DO20 Datasheet HTML 171Page - Microchip Technology DO20 Datasheet HTML 172Page - Microchip Technology DO20 Datasheet HTML 173Page - Microchip Technology DO20 Datasheet HTML 174Page - Microchip Technology DO20 Datasheet HTML 175Page - Microchip Technology DO20 Datasheet HTML 176Page - Microchip Technology DO20 Datasheet HTML 177Page - Microchip Technology DO20 Datasheet HTML 178Page - Microchip Technology DO20 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 175
PIC24FJ256GA705 FAMILY
For 32-bit cascaded operation, these steps are also
necessary:
1.
Set
the
OC32
bits
for
both
registers
(OCyCON2<8> and OCxCON2<8>). Enable the
even numbered module first to ensure the
modules will start functioning in unison.
2.
Clear the OCTRIG bit of the even module
(OCyCON2<7>), so the module will run in
Synchronous mode.
3.
Configure the desired output and Fault settings
for OCy.
4.
Force the output pin for OCx to the output state
by clearing the OCTRIS bit.
5.
If Trigger mode operation is required, configure
the Trigger options in OCx by using the OCTRIG
(OCxCON2<7>), TRIGMODE (OCxCON1<3>)
and SYNCSEL<4:0> (OCxCON2<4:0>) bits.
6.
Configure the desired Compare or PWM mode
of operation (OCM<2:0>) for OCy first, then for
OCx.
Depending on the output mode selected, the module
holds the OCx pin in its default state and forces a tran-
sition to the opposite state when OCxR matches the
timer. In Double Compare modes, OCx is forced back
to its default state when a match with OCxRS occurs.
The OCxIF interrupt flag is set after an OCxR match in
Single Compare modes and after each OCxRS match
in Double Compare modes.
Single-Shot pulse events only occur once, but may be
repeated by simply rewriting the value of the
OCxCON1 register. Continuous pulse events continue
indefinitely until terminated.
15.3
Pulse-Width Modulation (PWM)
Mode
In PWM mode, the output compare module can be
configured for edge-aligned or center-aligned pulse
waveform generation. All PWM operations are double-
buffered (buffer registers are internal to the module and
are not mapped into SFR space).
To configure the output compare module for PWM
operation:
1.
Configure the OCx output for one of the
available Peripheral Pin Select pins if available
on the OC module you are using. Otherwise,
configure the dedicated OCx output pins.
2.
Calculate the desired duty cycles and load them
into the OCxR register.
3.
Calculate the desired period and load it into the
OCxRS register.
4.
Select the current OCx as the synchronization
source by writing ‘0x1F’ to the SYNCSEL<4:0>
bits (OCxCON2<4:0>) and ‘0’ to the OCTRIG bit
(OCxCON2<7>).
5.
Select a clock source by writing to the
OCTSEL<2:0> bits (OCxCON1<12:10>).
6.
Enable interrupts, if required, for the timer and
output compare modules. The output compare
interrupt is required for PWM Fault pin
utilization.
7.
Select the desired PWM mode in the OCM<2:0>
bits (OCxCON1<2:0>).
8.
Appropriate Fault inputs may be enabled by
using the ENFLT<2:0> bits as described in
Register 15-1.
9.
If a timer is selected as a clock source, set the
selected timer prescale value. The selected
timer’s prescaler output is used as the clock
input for the OCx timer and not the selected
timer output.
Note:
This peripheral contains input and output
functions that may need to be configured
by the Peripheral Pin Select. See
Section 11.5 “Peripheral Pin Select
(PPS)” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com